Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFC10U Datasheet(PDF) 1 Page - Power-One

Part # DFC10U
Description  DUAL OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFC10U Datasheet(HTML) 1 Page - Power-One

  DFC10U Datasheet HTML 1Page - Power-One DFC10U Datasheet HTML 2Page - Power-One DFC10U Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
DFC10 SERIES
DUAL OUTPUT
DESCRIPTION
The dual output DFC10 Series provides power solutions to meet
commercial and industrial requirements. With power densities
above 11 watts per cubic inch (0.67 watts per cm3), overcurrent
protection, and five sided shielded case, the DFC10 meets rigorous
needs in an industry standard case size. The 120KHz operating
frequency of the DFC10 Series allows an increased power density
while including adequate heat sinking and input/output filtering.
This eliminates the need for external components in most
applications. Full overload protection is provided by pulse-by-pulse
current limiting on models with 48V input.
FEATURES
High Power Density, up to 11 Watts per Cubic Inch
Efficiencies to 79%
Fully Isolated, Fully Filtered Design
Greater than 700V Isolation
Overcurrent Protection
Five-Side Shielded Copper Case
Ultra Wide Range Input (4:1)
NOTES
(1)
All parameters measured at Tc = 25°C, nominal input voltage and full rated load unless otherwise noted.
Refer to the Technical Reference Section for the definition of terms, measurement circuits and other
information.
(2)
Case is tied to the COMMON output pin.
(3)
The functional temperature range is intended to give an additional data point for use in evaluating this
power supply. At the low functional temperature the power supply will function with no side effects,
however, sustained operation at the high functional temperature will reduce expected operational life.
The data sheet specifications are not guaranteed beyond the case operating range.
(4)
The case thermal impedance is specified as the case temperature rise over ambient per package watt
dissipated.
1
BOTTOM VIEW
SIDE VIEW
3
4
5
2
0.300
0.100
0.000
0.200
0.500
0.61
1.02
2.02
(2.54)
(15.5)
(5.08)
(7.62)
(12.70)
(51.31)
(25.91)
0.040 (1.02)
DIA TYP
Mechanical tolerances unless otherwise noted:
X.XX dimensions: ±0.03 inches
X.XXX dimensions: ±0.005 inches
Rev. 04/2000
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.


Similar Part No. - DFC10U

ManufacturerPart #DatasheetDescription
logo
Power-One
DFC10E POWER-ONE-DFC10E Datasheet
1Mb / 3P
   SINGLE OUTPUT
DFC10E12S12 POWER-ONE-DFC10E12S12 Datasheet
1Mb / 3P
   SINGLE OUTPUT
DFC10E12S15 POWER-ONE-DFC10E12S15 Datasheet
1Mb / 3P
   SINGLE OUTPUT
DFC10E12S3.3 POWER-ONE-DFC10E12S3.3 Datasheet
1Mb / 3P
   SINGLE OUTPUT
DFC10E12S5 POWER-ONE-DFC10E12S5 Datasheet
1Mb / 3P
   SINGLE OUTPUT
More results

Similar Description - DFC10U

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
logo
XP Power Limited
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
   Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
   Dual output
logo
Power-One
DFA20E12D POWER-ONE-DFA20E12D Datasheet
1Mb / 4P
   DUAL OUTPUT
DFC15U48D12 POWER-ONE-DFC15U48D12 Datasheet
860Kb / 3P
   DUAL OUTPUT
logo
Artesyn Technologies
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
   Dual output
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
   Dual Output
logo
Power-One
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
XP Power Limited
IH2412D XPPOWER-IH2412D Datasheet
95Kb / 1P
   Dual Output
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
   Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com