Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1580860000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1580860000
Description  SL 5.00/2/90B3.2SN OR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1580860000 Datasheet(HTML) 2 Page - Weidmuller

  1580860000 Datasheet HTML 1Page - Weidmuller 1580860000 Datasheet HTML 2Page - Weidmuller 1580860000 Datasheet HTML 3Page - Weidmuller 1580860000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Plug
connectors, solder connection, pitch 5.00/5.08 | SL 5.00-5.08/90 | SL 5.00/90B
- 2 -
System parameters
Electric shock protection to DIN VDE 0470
IP20 plugged
Electric shock protection to DIN VDE 0470
Safe from finger touch, plugged
Material data
Insulating material
PBT
Colour
orange
colour chart
Similar to RAL 2000
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
CuSn
Contact surface
tinned
Constant operating temp., min.
-25 °C
Constant operating temp., max.
100 °C
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Max. relative humidity during storage
80 %
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
18 A
Rated current, max. No. pins (Tu=20°C)
14.5 A
Rated current, min. No. pins(Tu=40°C)
15 A
Rated current, max. No. pins (Tu=40°C)
12 A
Rated voltage for overvoltage class/pollution
severity III/3
250 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
4 kV
Rated voltage for overvoltage class/pollution
severity III/2
320 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
4 kV
Rated voltage for overvoltage class/pollution
severity II/2
400 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
4 kV
Short-time withstand current resistance
3 x 1s with 120 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A


Similar Part No. - 1580860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1580870000 WEIDMULLER-1580870000 Datasheet
90Kb / 4P
   SL 5.00/3/90B3.2SN OR
More results

Similar Description - 1580860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1580870000 WEIDMULLER-1580870000 Datasheet
90Kb / 4P
   SL 5.00/3/90B3.2SN OR
1628470000 WEIDMULLER-1628470000 Datasheet
92Kb / 3P
   SL 7.50/2/90B3.2SN OR
1510360000 WEIDMULLER-1510360000 Datasheet
92Kb / 4P
   SL 5.08/2/90B3.2SN OR
1624370000 WEIDMULLER-1624370000 Datasheet
85Kb / 3P
   SL 7.62/2/90B3.2SN OR
1630480000 WEIDMULLER-1630480000 Datasheet
86Kb / 4P
   SL 5.00/2/135B3.2SN OR
1581780000 WEIDMULLER-1581780000 Datasheet
92Kb / 4P
   SL 5.00/2/180B3.2SN OR
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
   SL 5.00/2/180 3.2SN OR
1630250000 WEIDMULLER-1630250000 Datasheet
87Kb / 4P
   SL 5.00/2/135 3.2SN OR
1510460000 WEIDMULLER-1510460000 Datasheet
92Kb / 4P
   SL 5.08/3/90B3.2SN OR
1630500000 WEIDMULLER-1630500000 Datasheet
87Kb / 4P
   SL 5.00/4/135B3.2SN OR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com