Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8153NE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8153NE4
Description  SERIAL-TO-PARALLEL INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8153NE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV8153NE4 Datasheet HTML 2Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 3Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 4Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 5Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 6Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 7Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 8Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 9Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN74LV8153
SERIALTOPARALLEL INTERFACE
SCLS555 − JUNE 2004
www.ti.com
6
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC1
VCC2
MIN
TYP
MAX
UNIT
VT+
Positive-going input threshold
All inputs
3.3 V
3.3 V
2.31
V
T+
Positive-going input threshold
voltage
All inputs
5 V
5 V
3.5
V
VT−
Negative-going input threshold
All inputs
3.3 V
3.3 V
0.99
V
T−
Negative-going input threshold
voltage
All inputs
5 V
5 V
1.5
V
∆VT
Hysteresis
All inputs
3.3 V
3.3 V
0.33
1.32
V
T
Hysteresis
(VT+ − VT−)
All inputs
5 V
5 V
0.5
2
V
IOH = −2 mA
3 V
3 V
2.38
Yn
IOH = −8 mA
4.5 V
4.5 V
3.8
VOH
Yn
IOH = −24 mA
4.5 V
12 V
11
V
VOH
SOUT
IOH = −4 mA
3 V
3 V
2.38
V
SOUT
IOH = −8 mA
4.5 V
4.5 V
3.8
IOL = 2 mA (OUTSEL = H)
3 V
3 V
0.44
Yn
IOL = 8 mA (OUTSEL = H)
4.5 V
4.5 V
0.44
VOL
Yn
IOL = 40 mA (OUTSEL = L)
4.5 V
4.5 V
0.5
V
VOL
SOUT
IOL = 4 mA
3 V
3 V
0.44
V
SOUT
IOL = 8 mA
4.5 V
4.5 V
0.44
II
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
IOZ
VO = VCC or GND (OUTSEL = H)
5.5 V
5.5 V
±5
µA
IOH
VO = 12 V (OUTSEL = L)
5.5 V
5.5 V
5
µA
ICC
VI = VCC or GND, IO = 0
OUTSEL = H
5.5 V
5.5 V
5
mA
ICC
VI = VCC or GND, IO = 0
OUTSEL = L
5.5 V
5.5 V
20
mA
Ioff (except SOUT)
VI or VO = 0 to 5.5 V, VCC = 0
0
0
±50
µA
Ci
VI = VCC or GND
5 V
5 V
5
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC1 = VCC2 = 3.3 V ± 0.3 V (unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
D7
Y
Pw/2
(1)
tpd
D7
SOUT
Pw/2
(1)
ns
tpd
RESET
Y
200
ns
OE(2)
Y
CL = 50 pF
200
ten
OE(3)
Y
CL = 50 pF
200
ns
tdis
OE(3)
Y
200
ns
tw
SOUT
Pw
(4)
ns
Data rate
2
24
Kbps
(1) The tpd is dependent on the data pulse width (Pw), and Y outputs are changed after one-half of Pw, because the internal clock is synchronized
at the middle of the data pulse. Not tested, but specified by design.
(2) When outputs are open collector (OUTSEL = L)
(3) When outputs are push-pull (OUTSEL = H)
(4) SOUT goes low when the data is received correctly and maintains a low level for one data-pulse period. Not tested, but specified by design.


Similar Part No. - SN74LV8153NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153NE4 TI-SN74LV8153NE4 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
More results

Similar Description - SN74LV8153NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX1661-MAX1663 MAXIM-MAX1661-MAX1663 Datasheet
148Kb / 16P
   Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
Rev 0; 10/97
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
   Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com