Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8153PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8153PWR
Description  SERIAL-TO-PARALLEL INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8153PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV8153PWR Datasheet HTML 1Page - Texas Instruments SN74LV8153PWR Datasheet HTML 2Page - Texas Instruments SN74LV8153PWR Datasheet HTML 3Page - Texas Instruments SN74LV8153PWR Datasheet HTML 4Page - Texas Instruments SN74LV8153PWR Datasheet HTML 5Page - Texas Instruments SN74LV8153PWR Datasheet HTML 6Page - Texas Instruments SN74LV8153PWR Datasheet HTML 7Page - Texas Instruments SN74LV8153PWR Datasheet HTML 8Page - Texas Instruments SN74LV8153PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74LV8153
SERIALTOPARALLEL INTERFACE
SCLS555 − JUNE 2004
www.ti.com
5
recommended operating conditions(1)
VCC1
VCC2
MIN
MAX
UNIT
VCC1
Supply voltage
3
5.5
V
VCC2
Supply voltage
3
13.2
V
VIH
High-level input voltage
3 V
3 V
VCC × 0.7
V
VIH
High-level input voltage
4.5 V
4.5 V
VCC × 0.7
V
VIL
Low-level input voltage
3 V
3 V
VCC × 0.3
V
VIL
Low-level input voltage
4.5 V
4.5 V
VCC × 0.3
V
VI
Input voltage
0
5.5
V
VO
Output voltage
4.5 V
4.5 V
0
5.5
V
VO
Output voltage
12 V
0
13.2
V
3 V
3 V
−2
Yn
OUTSEL = H
4.5 V
4.5 V
−8
mA
IOH
High-level output current
Yn
OUTSEL = H
4.5 V
12 V
−24
mA
IOH
High-level output current
SOUT
3 V
3 V
−4
mA
SOUT
4.5 V
4.5 V
−8
mA
OUTSEL = H
3 V
3 V
2
Yn
OUTSEL = H
4.5 V
4.5 V
8
IOL
Low-level output current
Yn
OUTSEL = L
3 V
3 V
20
mA
IOL
Low-level output current
OUTSEL = L
4.5 V
4.5 V
40
mA
SOUT
3 V
3 V
4
SOUT
4.5 V
4.5 V
8
TA
Operating free-air temperature
−40
85
°C
(1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LV8153PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153PWR TI-SN74LV8153PWR Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153PWRE4 TI-SN74LV8153PWRE4 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
More results

Similar Description - SN74LV8153PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX1661-MAX1663 MAXIM-MAX1661-MAX1663 Datasheet
148Kb / 16P
   Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
Rev 0; 10/97
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
   Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com