Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3111IRHBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3111IRHBT
Description  Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3111IRHBT Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3111IRHBT Datasheet HTML 1Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 2Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 3Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 4Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 5Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 6Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 7Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 8Page - Texas Instruments TLV320AIC3111IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 154 page
background image
TLV320AIC3111
www.ti.com
SLAS644B – JULY 2009 – REVISED OCTOBER 2009
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RESET
31
I
Device reset
SCL
10
I/O
I2C control bus clock input
SDA
9
I/O
I2C control bus data input
SPLM
19
O
Left-channel class-D speaker driver inverting output
SPLP
22
O
Left-channel class-D speaker driver noninverting output
SPLVDD
21
Left-channel class-D speaker driver power supply
SPLVSS
20
Left-channel class-D speaker driver power supply ground
SPRM
23
O
Right-channel class-D speaker driver inverting output
SPRP
26
O
Right-channel class-D speaker driver noninverting output
SPRVDD
24
Right-channel class-D speaker driver power supply
SPRVSS
25
Right-channel class-D speaker driver power supply ground
VOL/MICDET
11
I
Volume control or microphone detection
WCLK
6
I/O
Audio serial word clock
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
AVDD to AVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.5
V
HPVDD to HPVSS
–0.3 to 3.9
V
SPLVDD to SPLVSS
–0.3 to 6
V
SPRVDD to SPRVSS
–0.3 to 6
V
IOVDD to IOVSS
–0.3 to 3.9
V
Digital input voltage
IOVSS – 0.3 to IOVDD + 0.3
V
Analog input voltage
AVSS – 0.3 to AVDD + 0.3
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–55 to 150
°C
Junction temperature (TJ Max)
105
°C
Power dissipation
(TJ Max – TA)/RθJA
W
QFN package
RθJA thermal impedance (with thermal pad soldered to board)
35
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
THERMAL CHARACTERISTICS
This data was taken using 2-oz. (0.071-mm thick) trace and copper pad that is soldered to a JEDEC high-K, standard 4-layer
3-in. × 3-in. (7.62-cm × 7.62-cm) PCB.
Power Rating at 25°C
Derating Factor
Power Rating at 70°C
Power Rating at 85°C
2.3 W
28.57 mW/°C
1 W
0.6 W
Copyright © 2009, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
5
Submit Documentation Feedback
Product Folder Link(s): TLV320AIC3111


Similar Part No. - TLV320AIC3111IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111IRHBT TI-TLV320AIC3111IRHBT Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3111IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com