Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5020AQDRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020AQDRQ1
Description  LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5020AQDRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF5020AQDRQ1 Datasheet HTML 5Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 6Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 7Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 8Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 9Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 10Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 11Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 12Page - Texas Instruments REF5020AQDRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
APPLICATION INFORMATION
USING THE TRIM/NR PIN
R5
60kW
REF50xx
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10 A
m
at+25 C)
°
R2
R1
R3
R4
10kW
1kW
1.2V
BASIC CONNECTIONS
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
+V
SUPPLY
10kW
1kW
470W
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C
BYPASS
1 Fto10 F
m
m
C
L
1 Fto50 F
m
m
+V
SUPPLY
V
OUT
SUPPLY VOLTAGE
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com ............................................................................................................................................... SBOS456B – SEPTEMBER 2008 – REVISED APRIL 2009
The REF50xx is family of low-noise, precision
requirement of 2.7 V, these references can be
bandgap voltage references that are specifically
operated with a supply of 200 mV above the output
designed for excellent initial voltage accuracy and
voltage
in
an
unloaded
condition.
For
loaded
drift. Figure 22 shows a simplified block diagram of
conditions, a typical dropout voltage versus load plot
the REF50xx.
is shown in Figure 6 of Typical Characteristics.
The REF50xx provides a very accurate voltage
output. However, VOUT can be adjusted to reduce
noise and shift the output voltage from the nominal
value by configuring the trim and noise reduction pin
(TRIM/NR, pin 5). The TRIM/NR pin provides a
±15-mV adjustment of the device bandgap, which
produces a ±15-mV change on the VOUT pin.
Figure 24 shows a typical circuit using the TRIM/NR
pin to adjust VOUT. When using this technique, the
temperature coefficients of the resistors can degrade
the temperature drift at the output.
Figure 22. REF50xx Simplified Block Diagram
Figure 23 shows the typical connections for the
REF50xx.
A
supply
bypass
capacitor
ranging
between 1
µF to 10 µF is recommended. A 1-µF to
50-
µF, low-ESR output capacitor (C
L)
must be
connected from VOUT to GND. The ESR value should
Figure 24. VOUT Adjustment Using TRIM/NR Pin
be less than or equal to 1.5
Ω. The ESR minimizes
gain peaking of the internal 1.2-V reference and thus
The REF50xx allows access to the bandgap through
reduces noise at the VOUT pin.
the TRIM/NR pin. Placing a capacitor from the
TRIM/NR pin to GND (as Figure 25 illustrates) in
combination with the internal 1-k
Ω resistor creates a
low-pass filter that lowers the overall noise measured
on the VOUT pin. A capacitance of 1 µF is suggested
for a low-pass filter with a corner frequency of
14.5 Hz. Higher capacitance results in a lower cutoff
frequency.
Figure 23. Basic Connections
The REF50xx family of voltage references features
extremely low dropout voltage. With the exception of
the
REF5020,
which
has
a
minimum
supply
Figure 25. Noise Reduction Using TRIM/NR Pin
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - REF5020AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5020AQDRQ1 TI1-REF5020AQDRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results

Similar Description - REF5020AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
[Old version datasheet]   LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com