Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1000510001 Datasheet(PDF) 1 Page - Weidmuller

Part No. 1000510001
Description  BLF 5.08/12/90LR SN BK BX
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1000510001 Datasheet(HTML) 1 Page - Weidmuller

  1000510001 Datasheet HTML 1Page - Weidmuller 1000510001 Datasheet HTML 2Page - Weidmuller 1000510001 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LR SN
- 1 -
General ordering data
Order No.
1000510001
Part designation
BLF 5.08/12/90LR SN BK BX
Version
PCB plug-in connector, PUSH IN, Clamping
range, max.: 3.31 mm², Pitch in mm: 5.08 mm, No.
of poles: 12, 90°, Box
EAN
4032248690473
Qty.
24 pc(s).
Packaging
Box
System parameters
Conductor connection system
PUSH IN
Outgoing direction of conductor
90°
Pitch in mm
5.08 mm
Pitch in inch
0.2 inch
No. of poles
12
No. of rows
1
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Stripping length
10 mm
L1 in mm
55.88 mm
L1 in inch
2.2 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 57 106
Safe from finger touch
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Flammability class UL 94
V-0
Contact material
CuSn
Contact surface
tinned
Contact base material
CuSn


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn