Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2421 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV2421
Description  10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV2421 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS92LV2421 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV2421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DS92LV2421 Pin Diagram
30110119
Serializer - DS92LV2421 — Top View
3
www.national.com


Similar Part No. - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV2421 TI-DS92LV2421 Datasheet
1Mb / 50P
[Old version datasheet]   The DS92LV2421 (Serializer)/DS92LV2422(Deseriqalizer) chipset translates a parallel 24-bit LVCMOS data interface into a single high-speed CML serial interface with embeddbd clock information.
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421SQ/NOPB TI1-DS92LV2421SQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421SQE/NOPB TI1-DS92LV2421SQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
More results

Similar Description - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com