Electronic Components Datasheet Search |
|
LT1763CS8-1.5 Datasheet(PDF) 6 Page - Linear Technology |
|
LT1763CS8-1.5 Datasheet(HTML) 6 Page - Linear Technology |
6 / 22 page LT1763 Series 6 1763fg ELECTRICAL CHARACTERISTICS Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT1763 regulators are tested and specified under pulse load conditions such that TJ ≅ TA. The LT1763 (C grade) is 100% tested at TA = 25°C; performance at –40°C and 125°C is assured by design, characterization and correlation with statistical process controls. The LT1763 (I grade) is guaranteed over the full –40°C to 125°C operating junction temperature range. The LT1763 (MP grade) is 100% tested and guaranteed over the –55°C to 125°C operating junction temperature range. Note 3: The LT1763 (adjustable version) is tested and specified for these conditions with the ADJ pin connected to the OUT pin. Note 4: Operating conditions are limited by maximum junction temperature. The regulated output voltage specification will not apply for all possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be limited. When operating at maximum output current, the input voltage range must be limited. Note 5: To satisfy requirements for minimum input voltage, the LT1763 (adjustable version) is tested and specified for these conditions with an external resistor divider (two 250k resistors) for an output voltage of 2.44V. The external resistor divider will add a 5μA DC load on the output. Note 6: Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In dropout, the output voltage will be equal to: VIN – VDROPOUT. Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) or VIN = 2.3V (C, I grade) or 2.35V (MP grade), whichever is greater, and a current source load. This means the device is tested while operating in its dropout region. This is the worst-case GND pin current. The GND pin current will decrease slightly at higher input voltages. Note 8: ADJ pin bias current flows into the ADJ pin. Note 9: SHDN pin current flows into the SHDN pin. Note 10: Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the OUT pin and out the GND pin. Note 11: For the LT1763, LT1763-1.5 and LT1763-1.8 dropout voltage will be limited by the minimum input voltage specification under some output voltage/load conditions. See the curve of Minimum Input Voltage in the Typical Performance Characteristics. Note 12: To satisfy requirements for minimum input voltage, current limit is tested at VIN = VOUT(NOMINAL) + 1V or 2.3V (C, I grade) or 2.35V (MP grade), whichever is greater. PARAMETER CONDITIONS MIN TYP MAX UNITS Current Limit VIN = 7V, VOUT = 0V C, I Grade: VIN = VOUT(NOMINAL) + 1V or 2.3V (Note 12), ΔVOUT = –0.1V MP Grade: VIN = 2.35V (Note 12), ΔVOUT = –0.1V l l 520 520 mA mA Input Reverse Leakage Current VIN = –20V, VOUT = 0V l 1mA Reverse Output Current (Note 10) LT1763-1.5 VOUT = 1.5V, VIN < 1.5V LT1763-1.8 VOUT = 1.8V, VIN < 1.8V LT1763-2.5 VOUT = 2.5V, VIN < 2.5V LT1763-3 VOUT = 3V, VIN < 3V LT1763-3.3 VOUT = 3.3V, VIN < 3.3V LT1763-5 VOUT = 5V, VIN < 5V LT1763 (Note 3) VOUT = 1.22V, VIN < 1.22V 10 10 10 10 10 10 5 20 20 20 20 20 20 10 μA μA μA μA μA μA μA The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 2) |
Similar Part No. - LT1763CS8-1.5 |
|
Similar Description - LT1763CS8-1.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |