Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32EL0124SQE Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS32EL0124SQE
Description  125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32EL0124SQE Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS32EL0124SQE Datasheet HTML 6Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 7Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 8Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 9Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 10Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 11Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 12Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 13Page - National Semiconductor (TI) DS32EL0124SQE Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
30043114
FIGURE 4. Reset to Lock Time
30043113
FIGURE 5. Deserializer Propagation Delay
30043104
FIGURE 6. CML to LVDS Bit Map
www.national.com
10


Similar Part No. - DS32EL0124SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0124SQE/NOPB TI1-DS32EL0124SQE/NOPB Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32EL0124SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com