Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8734_091 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8734_091
Description  Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8734_091 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8734_091 Datasheet HTML 3Page - Texas Instruments DAC8734_091 Datasheet HTML 4Page - Texas Instruments DAC8734_091 Datasheet HTML 5Page - Texas Instruments DAC8734_091 Datasheet HTML 6Page - Texas Instruments DAC8734_091 Datasheet HTML 7Page - Texas Instruments DAC8734_091 Datasheet HTML 8Page - Texas Instruments DAC8734_091 Datasheet HTML 9Page - Texas Instruments DAC8734_091 Datasheet HTML 10Page - Texas Instruments DAC8734_091 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PIN CONFIGURATIONS
CS
SCLK
SDI
SDO
LDAC
RST
GPIO-0
GPIO-1
UNI/BIP-A
DGND
AV
DD
V
MON
AV
SS
REFGND-B
REF-B
REF-A
REFGND-A
AV
SS
AGND
AV
DD
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
DAC8734
NC
AV
DD
V
MON
AV
SS
REFGND-B
REF-B
REF-A
REFGND-A
AV
SS
AGND
AV
DD
NC
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
NC
CS
SCLK
SDI
SDO
LDAC
RST
GPIO-0
GPIO-1
UNI/BIP-A
DGND
NC
DAC8734
DAC8734
www.ti.com .................................................................................................................................................. SBAS465A – MAY 2009 – REVISED SEPTEMBER 2009
RHA PACKAGE(1)
PFB PACKAGE
QFN-40
TQFP-48
(TOP VIEW)
(TOP VIEW)
(1)
The thermal pad is internally connected to
the substrate. This pad can be connected
to AVSS or left floating.
PIN DESCRIPTIONS
PIN NO.
PIN
NAME
QFN-40
TQFP-48
I/O
DESCRIPTION
SPI bus chip select input (active low). Data are not clocked into the SPI shift register unless CS is
CS
1
2
I
low. When CS is high, SDO is in a high-impedance state.
SCLK
2
3
I
SPI bus clock
SDI
3
4
I
SPI bus input data
SDO
4
5
O
SPI output data
Load DAC latch control input (active low). When LDAC is low, the DAC latch is transparent and the
LDAC
5
6
I
contents of the Input Data Register are transferred to it. The DAC output changes to the
corresponding level simultaneously when the DAC latch is updated.
Reset input (active low). Logic low on this pin resets the input registers and DACs to the values
RST
6
7
I
defined by the UNI/BIP pins, and sets the Gain Register and Zero Register to default values.
General-purpose digital input/output 0. This pin is a bidirectional, digital input/output, and has an
GPIO-0
7
8
I/O
open-drain output. A 10k
Ω pull-up resistor to IOVDD is needed when this pin is used as an output.
See the GPIO Pins section for details.
General-purpose digital input/output 1. This pin is a bidirectional, digital input/output, and has an
GPIO-1
8
9
I/O
open-drain output. A 10k
Ω pull-up resistor to IOVDD is needed when this pin is used as an output.
See the GPIO Pins section for details.
Output mode selection of group A (DAC-0 and DAC-1). When UNI/BIP-A is tied to IOVDD, group A
is in unipolar output mode; when tied to DGND, group A is in bipolar output mode. The input data
UNI/BIP-A
9
10
I
written to the DAC are straight binary for unipolar output mode and twos complement for bipolar
output mode.
DGND
10
11
I
Digital ground
IOVDD
11
13
I
Interface power
DVDD
12
14
I
Digital power
VOUT-0
13
15
O
DAC-0 output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC8734


Similar Part No. - DAC8734_091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734SPFB TI-DAC8734SPFB Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFBR TI-DAC8734SPFBR Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SRHAR TI-DAC8734SRHAR Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SRHAT TI-DAC8734SRHAT Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8734_091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com