Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393HLX-16 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2393HLX-16
Description  16-Bit, 1Msps SAR ADC With 94db SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393HLX-16 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2393HLX-16 Datasheet HTML 4Page - Linear Technology LTC2393HLX-16 Datasheet HTML 5Page - Linear Technology LTC2393HLX-16 Datasheet HTML 6Page - Linear Technology LTC2393HLX-16 Datasheet HTML 7Page - Linear Technology LTC2393HLX-16 Datasheet HTML 8Page - Linear Technology LTC2393HLX-16 Datasheet HTML 9Page - Linear Technology LTC2393HLX-16 Datasheet HTML 10Page - Linear Technology LTC2393HLX-16 Datasheet HTML 11Page - Linear Technology LTC2393HLX-16 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2393-16
8
239316f
PIN FUNCTIONS
GND (Pins 1, 5, 7, 20, 35, 41, 44, 48, Exposed Pad
Pin 49 (QFN Only)): Ground. All GND pins must be con-
nected to a solid ground plane. Exposed pad must be
soldered directly to the ground plane.
AVP (Pins 2, 40, 45, 46, 47): 5V Analog Power Supply.
The range of AVP is 4.75V to 5.25V. Bypass AVP to GND
with a good quality 0.1μF and a 10μF ceramic capacitor
in parallel.
DVP (Pins 3, 19): 5V Digital Power Supply. The range of
DVP is 4.75V to 5.25V. Bypass DVP to GND with a good
quality 0.1μF and a 10μF ceramic capacitor in parallel.
SER/PAR (Pin 4): Serial/Parallel Selection Input. This pin
controls the digital interface. A logic high on this pin se-
lects the serial interface and a logic low selects the parallel
interface. In the serial mode the non-active digital outputs
are high impedance.
OB/2C (Pin 6): Offset Binary/Two’s Complement Input.
When OB/2C is high, the digital output is offset binary.
When low, the MSB is inverted resulting in two’s comple-
ment output.
BYTESWAP (Pin 8): BYTESWAP Input. With BYTESWAP
low, data will be output with Pin 28 (D15) being the
MSB and Pin 9 (D0) being the LSB. With BYTESWAP
high, the upper eight bits and the lower eight bits will
be switched. The MSB is output on Pin 16 and Bit 8 is
output on Pin 9. Bit 7 is output on Pin 28 and the LSB is
output on Pin 21.
D0 (Pin 9): Data Bit 0. When SER/PAR = 0 this pin is Bit 0
of the parallel port data output bus.
D1 (Pin 10): Data Bit 1. When SER/PAR = 0 this pin is
Bit 1 of the parallel port data output bus.
D2 (Pin 11): Data Bit 2. When SER/PAR = 0 this pin is
Bit 2 of the parallel port data output bus.
D3 (Pin 12): Data Bit 3. When SER/PAR = 0 this pin is
Bit 3 of the parallel port data output bus.
D4 (Pin 13): Data Bit 4. When SER/PAR = 0 this pin is
Bit 4 of the parallel port data output bus.
D5 (Pin 14): Data Bit 5. When SER/PAR = 0 this pin is
Bit 5 of the parallel port data output bus.
D6 (Pin 15): Data Bit 6. When SER/PAR = 0 this pin is
Bit 6 of the parallel port data output bus.
D7 (Pin 16): Data Bit 7. When SER/PAR = 0 this pin is
Bit 7 of the parallel port data output bus.
OGND (Pin 17): Digital Ground for the Input/Output
Interface.
OVP (Pin 18): Digital Power Supply for the Input/Output
Interface. The range for OVP is 1.8V to 5V. Bypass OVP
to OGND with a good quality 4.7μF ceramic capacitor
close to the pin.
D8 (Pin 21): Data Bit 8. When SER/PAR = 0 this pin is
Bit 8 of the parallel port data output bus.
D9/SDIN (Pin 22): Data Bit 9/Serial Data Input. When
SER/PAR = 0 this pin is Bit 9 of the parallel port data
output bus. When SER/PAR = 1, (serial mode) this is
the serial data input. SDIN can be used as a data input to
daisy-chain two or more conversion results into a single
SDOUT line. The digital data level on SDIN is output on
SDOUT with a delay of 16 SCLK periods after the start of
the read sequence.
D10/SDOUT (Pin 23): Data Bit 10/Serial Data Ouput. When
SER/PAR = 0 this pin is Bit 10 of the parallel port data
output bus. When SER/PAR = 1, (serial mode) this is the
serial data output. The conversion result can be clocked
out serially on this pin synchronized to SCLK. The data
is clocked out MSB first on the rising edge of SCLK and
is valid on the falling edge of SCLK. The data format is
determined by the logic level of OB/2C.
D11/SCLK (Pin 24): Data Bit 11/Serial Clock Input. When
SER/PAR = 0 this pin is Bit 11 of the parallel port data
output bus. When SER/PAR = 1, (serial mode) this is the
serial clock input.
D12 (Pin 25): Data Bit 12. When SER/PAR = 0 this pin is
Bit 12 of the parallel port data output bus.
D13 (Pin 26): Data Bit 13. When SER/PAR = 0 this pin is
Bit 13 of the parallel port data output bus.
D14 (Pin 27): Data Bit 14. When SER/PAR = 0 this pin is
Bit 14 of the parallel port data output bus.


Similar Part No. - LTC2393HLX-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393HLX-16 LINER-LTC2393HLX-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393HLX-16PBF LINER-LTC2393HLX-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
More results

Similar Description - LTC2393HLX-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com