Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393CUK-16PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2393CUK-16PBF
Description  16-Bit, 1Msps SAR ADC With 94db SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393CUK-16PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2393CUK-16PBF Datasheet HTML 7Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 8Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 9Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 10Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 11Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 12Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 13Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 14Page - Linear Technology LTC2393CUK-16PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2393-16
11
239316f
APPLICATIONS INFORMATION
OVERVIEW
The LTC2393-16 is a low noise, high speed 16-bit suc-
cessive approximation register (SAR) ADC. Operating
from a single 5V supply, the LTC2393-16 supports a
large ±4.096V fully differential input range, making it ideal
for high performance applications which require a wide
dynamic range. The LTC2393-16 achieves ±2LSB INL max,
no missing codes at 16 bits and 94.2dB SNR (typ).
The LTC2393-16 includes a precision internal reference
with a guaranteed 0.5% initial accuracy and a ±20ppm/°C
(max) temperature coefficient. Fast 1Msps throughput with
no cycle latency in both parallel and serial interface modes
makes the LTC2393-16 ideally suited for a wide variety
of high speed applications. An internal oscillator sets the
conversion time, easing external timing considerations.
The LTC2393-16 dissipates only 140mW at 1Msps, while
both nap and sleep power-down modes are provided to
further reduce power during inactive periods.
CONVERTER OPERATION
The LTC2393-16 operates in two phases. During the ac-
quisition phase, the charge redistribution capacitor D/A
converter (CDAC) is connected to the IN+ and INpins
to sample the differential analog input voltage. A falling
edge on the CNVST pin initiates a conversion. During the
conversion phase, the 16-bit CDAC is sequenced through a
successive approximation algorithm, effectively comparing
the sampled input with binary-weighted fractions of the
reference voltage (e.g., VREF/2, VREF/4 … VREF/65536)
using the differential comparator. At the end of conversion,
the CDAC output approximates the sampled analog input.
The ADC control logic then prepares the 16-bit digital
output code for parallel or serial transfer.
TRANSFER FUNCTION
The LTC2393-16 digitizes the full-scale voltage of 2 • VREF
into 216 levels, resulting in an LSB size of 125μV when VREF
= 4.096V. The ideal transfer function for two’s complement
is shown in Figure 2. The OB/2C pin selects either offset
binary or two’s complement format.
ANALOG INPUT
The analog inputs of the LTC2393-16 are fully differential
in order to maximize the signal swing that can be digitized.
The analog inputs can be modeled by the equivalent circuit
shown in Figure 3. The diodes at the input provide ESD pro-
tection. The analog inputs should not exceed the supply or
go below ground. In the acquisition phase, each input sees
approximately 40pF (CIN)fromthesamplingCDACinseries
with 50Ω (RIN) from the on-resistance of the sampling
switch. Any unwanted signal that is common to both
inputs will be reduced by the common mode rejection of
the ADC. The inputs draw only one small current spike
while charging the CIN capacitors during acquisition.
During conversion, the analog inputs draw only a small
leakage current.
Figure 2. LTC2393-16 Two’s Complement Transfer Function
Figure 3. The Equivalent Circuit for the
Differential Analog Input of the LTC2393-16
INPUT VOLTAGE (V)
0V
–1
LSB
239316 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536
IN+
RIN
CIN
AVP
AVP
BIAS
VOLTAGE
IN
RIN
239316 F03
CIN


Similar Part No. - LTC2393CUK-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393CUK-16PBF LINER-LTC2393CUK-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
More results

Similar Description - LTC2393CUK-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com