Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3070EUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 3 Page - Linear Technology

  LT3070EUFD Datasheet HTML 1Page - Linear Technology LT3070EUFD Datasheet HTML 2Page - Linear Technology LT3070EUFD Datasheet HTML 3Page - Linear Technology LT3070EUFD Datasheet HTML 4Page - Linear Technology LT3070EUFD Datasheet HTML 5Page - Linear Technology LT3070EUFD Datasheet HTML 6Page - Linear Technology LT3070EUFD Datasheet HTML 7Page - Linear Technology LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3070

3070fa
electricAl chArActeristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COUT = 15µF (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPinVoltageRange
VIN≥VOUT+150mV,IOUT=5A
l
0.95
3.0
V
BIASPinVoltageRange(Note3)
l
2.2
3.6
V
RegulatedOutputVoltage
VOUT=0.8V,10mA≤IOUT≤5A,1.05V≤VIN≤1.25V
VOUT=0.9V,10mA≤IOUT≤5A,1.15V≤VIN≤1.35V
VOUT=1V,10mA≤IOUT≤5A,1.25V≤VIN≤1.45V
VOUT=1.1V,10mA≤IOUT≤5A,1.35V≤VIN≤1.55V
VOUT=1.2V,10mA≤IOUT≤5A,1.45V≤VIN≤1.65V,VBIAS=3.3V
VOUT=1.5V,10mA≤IOUT≤5A,1.75V≤VIN≤1.95V,VBIAS=3.3V
VOUT=1.8V,10mA≤IOUT≤5A,2.05V≤VIN≤2.25V,VBIAS=3.3V
l
l
l
l
l
l
l
0.792
0.891
0.990
1.089
1.188
1.485
1.782
0.800
0.900
1.000
1.100
1.200
1.500
1.800
0.808
0.909
1.010
1.111
1.212
1.515
1.818
V
V
V
V
V
V
V
RegulatedOutputVoltageMargining
(Note3)
MARGTOL=0V,MARGSEL=VBIAS
MARGTOL=0V,MARGSEL=0V,IOUT=10mA
l
l
0.8
–1.2
1
–1
1.2
–0.8
%
%
MARGTOL=FLOAT,MARGSEL=VBIAS
MARGTOL=FLOAT,MARGSEL=0V,IOUT=10mA
l
l
2.7
–3.3
3
–3
3.3
–2.7
%
%
MARGTOL=VBIAS,MARGSEL=VBIAS
MARGTOL=VBIAS,MARGSEL=0V,IOUT=10mA
l
l
4.6
–5.4
5
–5
5.4
–4.6
%
%
LineRegulationtoVIN
VOUT=0.8V,∆VIN=1.05Vto2.7V,VBIAS=3.3V,IOUT=10mA
VOUT=1.8V,∆VIN=2.05Vto2.7V,VBIAS=3.3V,IOUT=10mA
l
l
1.0
1.0
mV
mV
LineRegulationtoVBIAS
VOUT=0.8V,∆VBIAS=2.2Vto3.6V,VIN=1.1V,IOUT=10mA
VOUT=1.8V,∆VBIAS=3.25Vto3.6V,VIN=2.1V,IOUT=10mA
l
l
2.0
1.0
mV
mV
LoadRegulation,
∆IOUT=10mAto5A
VBIAS=2.5V,VIN=1.05V,VOUT=0.8V
l
–1.5
–3.0
–5.5
mV
mV
VBIAS=2.5V,VIN=1.25V,VOUT=1.0V
l
–2
–4.0
–7.5
mV
mV
VBIAS=3.3V,VIN=1.45V,VOUT=1.2V
l
–2
–4.0
–7.5
mV
mV
VBIAS=3.3V,VIN=1.75V,VOUT=1.5V
l
–2.5
–5.0
–9.0
mV
mV
VBIAS=3.3V,VIN=2.05V,VOUT=1.8V
l
–3
–7.0
–13
mV
mV
DropoutVoltage,
VIN=VOUT(NOMINAL)(Note6)
IOUT=1A,VOUT=1V
l
20
35
mV
IOUT=2.5A,VOUT=1V
l
50
65
85
mV
mV
IOUT=5A,VOUT=1V
l
85
120
150
mV
mV
SENSEPinCurrent
VIN=1.1V,VSENSE=0.8V
VBIAS=3.3V,VIN=2.1V,VSENSE=1.8V
l
l
35
200
50
300
65
400
µA
µA
GroundPinCurrent,
VIN=1.3V,VOUT=1V
IOUT=10mA
IOUT=5A
l
l
0.65
0.9
1.1
1.35
1.8
2.3
mA
mA


Similar Part No. - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070EUFD LINER-LT3070EUFD Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDPBF LINER-LT3070EUFDPBF Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTR LINER-LT3070EUFDTR Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTRPBF LINER-LT3070EUFDTRPBF Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
More results

Similar Description - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3071 LINER-LT3071 Datasheet
518Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com