Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3070 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3070_1 Datasheet HTML 9Page - Linear Technology LT3070_1 Datasheet HTML 10Page - Linear Technology LT3070_1 Datasheet HTML 11Page - Linear Technology LT3070_1 Datasheet HTML 12Page - Linear Technology LT3070_1 Datasheet HTML 13Page - Linear Technology LT3070_1 Datasheet HTML 14Page - Linear Technology LT3070_1 Datasheet HTML 15Page - Linear Technology LT3070_1 Datasheet HTML 16Page - Linear Technology LT3070_1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3070

3070fa
pin Functions
MARGSEL (Pin 21):MarginingEnableandPolaritySelec-
tion.Thisthree-statepindeterminesboththepolarityand
theactivestateofthemarginingfunction.Thelogic
low
thresholdislessthan250mVreferencedtoGNDanden-
ablesnegativevoltagemargining.Thelogic
highthreshold
isgreaterthanVBIAS–250mVandenablespositivevoltage
margining.Thevoltagerangebetweenthesetwologic
thresholdsassetbyawindowcomparatordefinesthe
logic
Hi-Zstateanddisablesthemarginingfunction.
MARGTOL (Pin 22): Margining Tolerance. This three-
statepinselectstheabsolutevalueofmargining(1%,
3%or5%)ifenabledbytheMARGSELinput.Thelogic
lowthresholdislessthan250mVreferencedtoGNDand
enableseither±1%changeinVOUTdependingonthestate
oftheMARGSELpin.Thelogichighthresholdisgreater
thanVBIAS–250mVandenableseither±5%changein
VOUTdependingonthestateoftheMARGSELpin.The
voltagerangebetweenthesetwologicthresholdsasset
byawindowcomparatordefinesthelogic
Hi-Zstateand
enableseither±3%changeinVOUTdependingonthestate
oftheMARGSELpin.
VO0, VO1 and VO2 (Pins 23, 24, 25):OutputVoltageSe-
lect.Thesethree-statepinscombinetoselectanominal
outputvoltagefrom0.8Vto1.8Vinincrementsof50mV.
Outputvoltageislimitedto1.8Vmaximumbyaninternal
override of VO1whenVO2=high.Theinputlogiclow
thresholdislessthan250mVreferencedtoGNDandthe
logic
highthresholdisgreaterthanVBIAS–250mV.The
rangebetweenthesetwothresholdsassetbyawindow
comparatordefinesthelogic
Hi-Zstate.SeeTable1inthe
ApplicationsInformationsectionthatdefinestheVO2,VO1
andVO0settingsversusVOUT.
BIAS (Pin 27):BiasSupply.Thispinsuppliescurrentto
theinternalcontrolcircuitryandtheoutputstagedriving
thepasstransistor.TheLT3070requiresaminimum2.2µF
bypasscapacitorforstabilityandproperoperation.To
ensureproperoperation,theBIASvoltagemustsatisfy
thefollowingconditions:2.2V≤VBIAS≤3.6VandVBIAS
(1.25•VOUT+1V).ForVOUT≤0.95V,theminimumBIAS
voltageislimitedto2.2V.
EN (Pin 28):Enable.Thispinenables/disablestheoutput
deviceonly.Theinternalreferenceandallsupportfunctions
areactiveifVBIASisaboveitsUVLOthreshold.Pulling
ENlowkeepsthereferencecircuitactive,butdisables
theoutputpasstransistorandputstheLT3070intoalow
power
napmode.DrivetheENpinwitheitheradigitallogic
portoranopen-collectorNPNoranopen-drainNMOS
terminatedwithapull-upresistortoVBIAS.Thepull-up
resistormustbelessthan35ktomeettheVIHcondition
oftheENpin.Ifunused,connectENtoBIAS.
BIAS
LT3070
EN
IN
VO2
VO1
VBIAS
VIN
VO0
MARGSEL
MARGTOL
VIOC
SENSE
OUT
PWRGD
RP
REF/BYP
GND
+
+
RP
3070 F01
LOAD
Figure 1. Kelvin Sense Connection


Similar Part No. - LT3070_1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3070-1 AD-LT3070-1 Datasheet
960Kb / 28P
   Dropout Linear Regulator
LT3070-1 AD-LT3070-1 Datasheet
1Mb / 37P
   3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
logo
Linear Technology
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
More results

Similar Description - LT3070_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3071 LINER-LT3071 Datasheet
518Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com