Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761MPS5-3.3-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1761MPS5-3.3-TR
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761MPS5-3.3-TR Datasheet(HTML) 1 Page - Linear Technology

  LT1761MPS5-3.3-TR Datasheet HTML 1Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 2Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 3Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 4Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 5Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 6Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 7Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 8Page - Linear Technology LT1761MPS5-3.3-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT1761 Series
1
1761sff
TYPICAL APPLICATION
DESCRIPTION
100mA, Low Noise,
LDO Micropower
Regulators in TSOT-23
The LT
®1761 series are micropower, low noise, low
dropout regulators. With an external 0.01μF bypass
capacitor, output noise drops to 20μVRMS over a 10Hz to
100kHz bandwidth. Designed for use in battery-powered
systems, the low 20μA quiescent current makes them an
ideal choice. In shutdown, quiescent current drops to less
than 0.1μA. The devices are capable of operating over an
input voltage from 1.8V to 20V, and can supply 100mA of
output current with a dropout voltage of 300mV. Quiescent
current is well controlled, not rising in dropout as it does
with many other regulators.
The LT1761 regulators are stable with output capacitors as
low as 1μF. Small ceramic capacitors can be used without
the series resistance required by other regulators.
Internal protection circuitry includes reverse battery
protection, current limiting, thermal limiting and reverse
current protection. The device is available in fixed output
voltages of 1.2V, 1.5V, 1.8V, 2V, 2.5V, 2.8V, 3V, 3.3V and
5V, and as an adjustable device with a 1.22V reference
voltage. The LT1761 regulators are available in the 5-lead
TSOT-23 package.
5V Low Noise Regulator
FEATURES
APPLICATIONS
n Low Noise: 20μVRMS (10Hz to 100kHz)
n Low Quiescent Current: 20μA
n Wide Input Voltage Range: 1.8V to 20V
n Output Current: 100mA
n Very Low Shutdown Current: <0.1μA
n Low Dropout Voltage: 300mV at 100mA
n Fixed Output Voltages: 1.2V, 1.5V, 1.8V, 2V, 2.5V,
2.8V, 3V, 3.3V, 5V
n Adjustable Output from 1.22V to 20V
n Stable with 1μF Output Capacitor
n Stable with Aluminum, Tantalum or
Ceramic Capacitors
n Reverse-Battery Protected
n No Reverse Current
n No Protection Diodes Needed
n Overcurrent and Overtemperature Protected
n Available in Tiny 5-Lead TSOT-23 Package
n Cellular Phones
n Pagers
n Battery-Powered Systems
n Frequency Synthesizers
n Wireless Modems
10Hz to 100kHz Output Noise
IN
SHDN
0.01μF
10μF
1761 TA01
OUT
VIN
5.4V TO
20V
BYP
GND
LT1761-5
5V AT100mA
20μVRMS NOISE
1μF
+
VOUT
100μV/DIV
20μVRMS
1761 TA01b
L, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.


Similar Part No. - LT1761MPS5-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1761MPS5-3.3 LINEAR_DIMENSIONS-LT1761MPS5-3.3 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761MPS5-3.3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com