Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763CDE-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LT1763CDE-TR
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CDE-TR Datasheet(HTML) 5 Page - Linear Technology

  LT1763CDE-TR Datasheet HTML 1Page - Linear Technology LT1763CDE-TR Datasheet HTML 2Page - Linear Technology LT1763CDE-TR Datasheet HTML 3Page - Linear Technology LT1763CDE-TR Datasheet HTML 4Page - Linear Technology LT1763CDE-TR Datasheet HTML 5Page - Linear Technology LT1763CDE-TR Datasheet HTML 6Page - Linear Technology LT1763CDE-TR Datasheet HTML 7Page - Linear Technology LT1763CDE-TR Datasheet HTML 8Page - Linear Technology LT1763CDE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT1763 Series
5
1763fg
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADJ Pin Voltage
(Notes 3, 4)
LT1763
VIN = 2.2V, ILOAD = 1mA
C, I Grade: 2.3V < VIN < 20V, 1mA < ILOAD < 500mA
MP Grade: 2.35V < VIN < 20V, 1mA < ILOAD < 500mA
l
l
1.208
1.190
1.190
1.220
1.220
1.220
1.232
1.250
1.250
V
V
V
Line Regulation
LT1763-1.5
C, I Grade: ΔVIN = 2V to 20V, ILOAD = 1mA
LT1763-1.5
MP Grade: ΔVIN = 2.1V to 20V, ILOAD = 1mA
LT1763-1.8
ΔVIN = 2.3V to 20V, ILOAD = 1mA
LT1763-2.5
ΔVIN = 3V to 20V, ILOAD = 1mA
LT1763-3
ΔVIN = 3.5V to 20V, ILOAD = 1mA
LT1763-3.3
ΔVIN = 3.8V to 20V, ILOAD = 1mA
LT1763-5
ΔVIN = 5.5V to 20V, ILOAD = 1mA
LT1763 (Note 3) C, I Grade: ΔVIN = 2V to 20V, ILOAD = 1mA
LT1763 (Note 3) MP Grade: ΔVIN = 2.1V to 20V, ILOAD = 1mA
l
l
l
l
l
l
l
l
l
1
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
5
mV
mV
mV
mV
mV
mV
mV
mV
mV
Load Regulation
LT1763-1.5
VIN = 2.5V, ΔILOAD = 1mA to 500mA
VIN = 2.5V, ΔILOAD = 1mA to 500mA
l
38
15
mV
mV
LT1763-1.8
VIN = 2.8V, ΔILOAD = 1mA to 500mA
VIN = 2.8V, ΔILOAD = 1mA to 500mA
l
49
18
mV
mV
LT1763-2.5
VIN = 3.5V, ΔILOAD = 1mA to 500mA
VIN = 3.5V, ΔILOAD = 1mA to 500mA
l
512
25
mV
mV
LT1763-3
VIN = 4V, ΔILOAD = 1mA to 500mA
VIN = 4V, ΔILOAD = 1mA to 500mA
l
715
30
mV
mV
LT1763-3.3
VIN = 4.3V, ΔILOAD = 1mA to 500mA
VIN = 4.3V, ΔILOAD = 1mA to 500mA
l
717
33
mV
mV
LT1763-5
VIN = 6V, ΔILOAD= 1mA to 500mA
VIN = 6V, ΔILOAD = 1mA to 500mA
l
12
25
50
mV
mV
LT1763 (Note 3) VIN = 2.3V, ΔILOAD = 1mA to 500mA
C, I Grade: VIN = 2.3V, ΔILOAD = 1mA to 500mA
MP Grade: VIN = 2.35V, ΔILOAD = 1mA to 500mA
l
l
26
12
12
mV
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 5, 6, 11)
ILOAD = 10mA
ILOAD = 10mA
l
0.13
0.19
0.25
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.17
0.22
0.32
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.20
0.24
0.34
V
V
ILOAD = 500mA
ILOAD = 500mA
l
0.30
0.35
0.45
V
V
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 500mA
l
l
l
l
l
l
30
65
1.1
2
5
11
75
120
1.6
3
8
16
μA
μA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = 500mA, BW = 10Hz to 100kHz
20
μVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.8
0.65
2V
V
SHDN Pin Current
(Note 9)
VSHDN = 0V
VSHDN = 20V
0.1
1
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.1
1
μA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
ILOAD = 500mA
50
65
dB


Similar Part No. - LT1763CDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CDE-1.5 LINER-LT1763CDE-1.5 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CDE-1.5PBF LINER-LT1763CDE-1.5PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CDE-1.5TR LINER-LT1763CDE-1.5TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CDE-1.5TRPBF LINER-LT1763CDE-1.5TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CDE-1.8 LINER-LT1763CDE-1.8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com