Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLDS Datasheet(PDF) 3 Page - Rohm

Part # LLDS
Description  Packaging specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LLDS Datasheet(HTML) 3 Page - Rohm

  LLDS Datasheet HTML 1Page - Rohm LLDS Datasheet HTML 2Page - Rohm LLDS Datasheet HTML 3Page - Rohm LLDS Datasheet HTML 4Page - Rohm LLDS Datasheet HTML 5Page - Rohm LLDS Datasheet HTML 6Page - Rohm LLDS Datasheet HTML 7Page - Rohm LLDS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Packaging specifications
Data Sheet
3/7
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.D
EMD2/UMD2/TUMD2/PMDU
Reel
Taping
11.4
±1.0
9
±0.3
EIAJ-ETX-7001 compatible
Regarding the UMD2 package, only 1SS356 is available in TW11.
Package
EMD2
UMD2
Code
TE-17
TW11
TE61
1.4
A
0.9
2.8
B
1.3
Dimensions
C
1.0
0.8
3,000
3,000
TUMD2
TR
1.4
2.8
0.9
1.5
3,000
Quantity/Reel
φ1.5+0.1
-
0
φ1+0.2
-
0
C+0.08
-
4.0+0.1
-
2.0+0.05
-
0.25+0.05
-
A+0.05
-
4.0+0.1
-
TR
PMDU
1.8
3.7
3,000
EMD3/UMD3/SSD3/SMD3
Reel
Taping
11.4
±1.0
9
±0.3
EIAJ-ETX-7001 compatible
4.0
2.0
A
Leading side
4.0
φ1.5
C
0.3
SMD3
SSD3
UMD3
EMD3
Package
T146
Code
T116
T106
TL
3.2
3.1
2.2
1.8
A
3.2
2.85
2.7
1.8
B
Dimensions
1.35
0.9
1.15
1.4
C
3,000
3,000
3,000
3,000
Quantity/Reel
EMD4/EMD5/TEMD5/EMD6
Reel
Taping
11.4
±1.0
9
±0.3
EIAJ-ETX-7001 compatible
φ1.5
+0.1
−0
4.0
±0.1
4.0
±0.1
0.65
±0.1
0.3
±0.1
1.7
±0.05
1PIN
2.0
±0.05
φ0.8±0.1
T2R
Code
Quantity/Reel
3,000
UMD4 <SOT-343> (SC-82)
Reel
Taping
11.4
±1.0
9
±0.3
EIAJ-ETX-7001 compatible
1.15
0.3
4.0
2.0
Cathode side
2.2
4.0
Leading side
φ1.5
TL
Code
Quantity/Reel
3,000


Similar Part No. - LLDS

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LLD005 GULFSEMI-LLD005 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
LLD01 GULFSEMI-LLD01 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
LLD02 GULFSEMI-LLD02 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
LLD04 GULFSEMI-LLD04 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
LLD06 GULFSEMI-LLD06 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
More results

Similar Description - LLDS

ManufacturerPart #DatasheetDescription
logo
RFE international
MR25MAV3-10K-F RFE-MR25MAV3-10K-F Datasheet
145Kb / 1P
   PACKAGING SPECIFICATIONS Avisert (AV3) & Panasert (PA) Specifications
logo
Johanson Technology Inc...
L-07C3N3SV6T JOHANSON-L-07C3N3SV6T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C4N7SV4T JOHANSON-L-14C4N7SV4T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C39NJV4T JOHANSON-L-14C39NJV4T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-15WR18JV4E JOHANSON-L-15WR18JV4E Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
logo
Amphenol Corporation
P-UE86-3G8620-X0X61 AMPHENOL-P-UE86-3G8620-X0X61 Datasheet
1,009Kb / 5P
   PACKAGING: TRAY PACKAGING
logo
ON Semiconductor
DL126TRS ONSEMI-DL126TRS Datasheet
100Kb / 8P
   Tape & Reel and Packaging Specifications for Small-Signal Transistors, FETs and Diodes
November, 2001 ??Rev.2
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
List of Unclassifed Man...
SOP-8 ETC2-SOP-8 Datasheet
597Kb / 1P
   Packaging Outline
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com