Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761MPS5-1.8-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT1761MPS5-1.8-TR
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761MPS5-1.8-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1761MPS5-1.8-TR Datasheet HTML 3Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 4Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 5Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 6Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 7Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 8Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 9Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 10Page - Linear Technology LT1761MPS5-1.8-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT1761 Series
7
1761sff
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
LT1761-1.2
Output Voltage
LT1761-1.5
Output Voltage
LT1761-1.8
Output Voltage
LT1761-2
Output Voltage
LT1761-2.5
Output Voltage
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
1761 G00
0
102030 40 50 60 70 80 90 100
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
1761 G01
0
102030 40 50 60 70 80 90 100
TJ ≤ 125°C
TJ ≤ 25°C
= TEST POINTS
TEMPERATURE (°C)
–50
0
50
75
1761 G01.1
–25
25
100
125
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
500
450
400
350
300
250
200
150
100
50
0
TEMPERATURE (°C)
–50
100
1761 G03
050
40
35
30
25
20
15
10
5
0
–25
25
75
125
VIN = 6V
RL = ∞ (250k FOR LT1761-BYP, -SD)
IL = 0 (5μA FOR LT1761-BYP, -SD)
VSHDN = VIN
VSHDN = 0V
TEMPERATURE (°C)
–50
100
1761 G05
050
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G51
050
1.528
1.521
1.514
1.507
1.500
1.493
1.486
1.479
1.472
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G06
050
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G07
050
2.04
2.03
2.02
2.01
2.00
1.99
1.98
1.97
1.96
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G08
050
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
–25
25
75
125
IL = 1mA


Similar Part No. - LT1761MPS5-1.8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761MPS5-1.8 LINER-LT1761MPS5-1.8 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Linear Dimensions Semic...
LT1761MPS5-1.8 LINEAR_DIMENSIONS-LT1761MPS5-1.8 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761MPS5-1.8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com