Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0422SQ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV0422SQ
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV0422SQ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS92LV0422SQ Datasheet HTML 1Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 2Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 3Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 4Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 5Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 6Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 7Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 8Page - National Semiconductor (TI) DS92LV0422SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS92LV0421 / DS92LV0422
PRELIMINARY
May 26, 2010
10 - 75 MHz Channel Link II Serializer/Deserializer with
LVDS Parallel Interface
General Description
The DS92LV0421 (serializer) and DS92LV0422 (deserializer)
chipset translates a Channel Link LVDS video interface (4
LVDS Data + LVDS Clock) into a high-speed serialized inter-
face over a single CML pair.
The DS92LV0421 and DS92LV0422 enable applications that
currently use the popular Channel Link or Channel Link style
devices to seamlessly upgrade to an embedded clock inter-
face to reduce interconnect cost or ease design challenges.
The parallel LVDS interface also reduces FPGA I/O pins,
board trace count and alleviates EMI issues, when compared
to traditional single-ended wide bus interfaces.
Programmable transmit de-emphasis, receive equalization,
on-chip scrambling and DC balancing enables longer dis-
tance transmission over lossy cables and backplanes. The
Deserializer automatically locks to incoming data without an
external reference clock or special sync patterns, providing
easy “plug-and-go” operation.
The DS92LV0421 and DS92LV0422 are programmable
though an I2C interface as well as by pins. A built-in AT-
SPEED BIST feature validates link integrity and may be used
for system diagnostics.
The DS92LV0421 and DS92LV0422 can be used inter-
changeably with the DS92LV2421 or DS92LV2422. This al-
lows designers the flexibility to connect to the host device and
receiving devices with different interface types, LVDS or LVC-
MOS.
Features
5-channel (4 data + 1 clock) Channel Link LVDS parallel
interface supports 24-bit data 3-bit control at 10 – 75 MHz
AC Coupled STP Interconnect up to 10 meters in length
Integrated serial CML terminations
AT–SPEED BIST Mode and status pin
Optional I2C compatible Serial Control Bus
Power Down Mode minimizes power dissipation
1.8V or 3.3V compatible control pin interface
>8 kV ESD (HBM) protection
-40° to +85°C temperature range
SERIALIZER – DS92LV0421
Data scrambler for reduced EMI
DC–balance encoder for AC coupling
Selectable output VOD and adjustable de-emphasis
DESERIALIZER – DS92LV0422
Random data lock; no reference clock required
Adjustable input receiver equalization
EMI minimization on output parallel bus (Spread Spectrum
Clock Generation and LVDS VOD select)
Applications
Embedded Video and Display
Machine Vision, Industrial Imaging, Medical Imaging
Office Automation — Printers, Scanners, Copiers
Security and Video Surveillance
General purpose data communication
Applications Diagram
30120927
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
301209
www.national.com


Similar Part No. - DS92LV0422SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0422SQ/NOPB TI1-DS92LV0422SQ/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0422SQE/NOPB TI1-DS92LV0422SQE/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0422SQX/NOPB TI1-DS92LV0422SQX/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0422SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com