Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761IS5-1.8-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT1761IS5-1.8-TR
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761IS5-1.8-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1761IS5-1.8-TR Datasheet HTML 2Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 3Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 4Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 5Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 6Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 7Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 8Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 9Page - Linear Technology LT1761IS5-1.8-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT1761 Series
6
1761sff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
l
l
l
l
l
20
55
230
1
2.2
45
100
400
2
4
μA
μA
μA
mA
mA
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = 100mA, BW = 10Hz to 100kHz
20
μVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.8
0.65
2V
V
SHDN Pin Current
(Note 9)
VSHDN = 0V
VSHDN = 20V
l
l
0
1
0.5
3
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
0.1
μA
Ripple Rejection (Note 3)
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
ILOAD = 50mA
55
65
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = VOUT(NOMINAL) + 1V or 2.3V (Note 12), ΔVOUT = –5%
l
110
200
mA
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1mA
Reverse Output Current
(Note 10)
LT1761-1.2
LT1761-1.5
LT1761-1.8
LT1761-2
LT1761-2.5
LT1761-2.8
LT1761-3
LT1761-3.3
LT1761-5
LT1761 (Note 3)
VOUT = 1.2V, VIN < 1.2V
VOUT = 1.5V, VIN < 1.5V
VOUT = 1.8V, VIN < 1.8V
VOUT = 2V, VIN < 2V
VOUT = 2.5V, VIN < 2.5V
VOUT = 2.8V, VIN < 2.8V
VOUT = 3V, VIN < 3V
VOUT = 3.3V, VIN < 3.3V
VOUT = 5V, VIN < 5V
VOUT = 1.22V, VIN < 1.22V
10
10
10
10
10
10
10
10
10
5
20
20
20
20
20
20
20
20
20
10
μA
μA
μA
μA
μA
μA
μA
μA
μA
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1761 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1761E is 100% production tested
at TA = 25°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process controls. The
LT1761I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT1761MP is 100% tested and guaranteed over
the –55°C to 125°C operating junction temperature range.
Note 3: The LT1761 (adjustable versions) are tested and specified for
these conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT1761
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 250k resistors) for an output voltage of
2.44V. The external resistor divider will add a 5μA DC load on the output.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) or VIN = 2.3V
(whichever is greater) and a current source load. This means the device
is tested while operating in its dropout region or at the minimum input
voltage specification. This is the worst-case GND pin current. The GND pin
current will decrease slightly at higher input voltages.
Note 8: ADJ pin bias current flows into the ADJ pin.
Note 9:
SHDN pin current flows into the SHDN pin.
Note 10: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 11: For the LT1761, LT1761-1.2, LT1761-1.5, LT1761-1.8 and
LT1761-2 dropout voltage will be limited by the minimum input voltage
specification under some output voltage/load conditions. See the curve of
Minimum Input Voltage in the Typical Performance Characteristics.
Note 12: To satisfy requirements for minimum input voltage, current limit
is tested at VIN = VOUT(NOMINAL) + 1V or VIN = 2.3V, whichever is greater.


Similar Part No. - LT1761IS5-1.8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1761IS5-1.8 LINEAR_DIMENSIONS-LT1761IS5-1.8 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761IS5-1.8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com