Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2412SQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV2412SQ
Description  5-50MHz 24-Bit Channel Link II Serializer and Deserializer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV2412SQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS92LV2412SQ Datasheet HTML 3Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 4Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 5Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 6Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 7Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 8Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 9Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 10Page - National Semiconductor (TI) DS92LV2412SQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DS92LV2412 Deserializer Pin Descriptions
Pin Name
Pin #
I/O, Type
Description
LVCMOS Parallel Interface
DO[7:0]
33, 34, 35,
36, 37, 39,
40, 41
I, STRAP,
O, LVCMOS
Parallel Interface Data Output Pins
For 8–bit RED Display: DO7 = R7 – MSB, DO0 = R0 – LSB.
In power-down (PDB = 0), outputs are controlled by the OSS_SEL (See Table 7). These
pins are inputs during power-up (See STRAP Inputs).
DO[15:8]
20, 21, 22,
23, 25, 26,
27, 28
I, STRAP,
O, LVCMOS
Parallel Interface Data Output Pins
For 8–bit GREEN Display: DO15 = G7 – MSB, DO8 = G0 – LSB.
In power-down (PDB = 0), outputs are controlled by the OSS_SEL (See Table 7). These
pins are inputs during power-up (See STRAP Inputs).
DO[23:16]
9, 10, 11,
12, 14, 17,
18, 19
I, STRAP,
O, LVCMOS
Parallel Interface Data Input Pins
For 8–bit BLUE Display: DO23 = B7 – MSB, DO16 = B0 – LSB.
In power-down (PDB = 0), outputs are controlled by the OSS_SEL (See Table 7). These
pins are inputs during power-up (See STRAP Inputs).
CO1
6
O, LVCMOS Control Signal Output
For Display/Video Application:
CO1 = Data Enable Output
Control signal pulse width must be 3 clocks or longer to be transmitted when the Control
Signal Filter is enabled (CONFIG[1:0] = 01). There is no restriction on the minimum transition
pulse when the Control Signal Filter is disabled (CONFIG[1:0] = 00).
The signal is limited to 2 transitions per 130 clocks regardless of the Control Signal Filter
setting.
In power-down (PDB = 0), output is controlled by the OSS_SEL pin (See Table 7).
CO2
8
O, LVCMOS Control Signal Output
For Display/Video Application:
CO2 = Horizontal Sync Output
Control signal pulse width must be 3 clocks or longer to be transmitted when the Control
Signal Filter is enabled (CONFIG[1:0] = 01). There is no restriction on the minimum transition
pulse when the Control Signal Filter is disabled (CONFIG[1:0] = 00).
The signal is limited to 2 transitions per 130 clocks regardless of the Control Signal Filter
setting.
In power-down (PDB = 0), output is controlled by the OSS_SEL pin (See Table 7).
CO3
7
O, LVCMOS Control Signal Output
For Display/Video Application:
CO3 = Vertical Sync Output
CO3 is different than CO1 and CO2 because it is limited to 1 transition per 130 clock cycles.
Thus, the minimum pulse width allowed is 130 clock cycle wide.
The CONFIG[1:0] pins have no affect on CO3 signal
In power-down (PDB = 0), output is controlled by the OSS_SEL pin (See Table 7).
CLKOUT
5
O, LVCMOS Pixel Clock Output
In power-down (PDB = 0), output is controlled by the OSS_SEL pin (See Table 7). Data
strobe edge set by RFB.
LOCK
32
O, LVCMOS LOCK Status Output
LOCK = 1, PLL is Locked, outputs are active LOCK = 0, PLL is unlocked, DO[23:0], CO1,
CO2, CO3 and CLKOUT output states are controlled by OSS_SEL (See Table 7). May be
used as Link Status or to flag when Video Data is active (ON/OFF).
PASS
42
O, LVCMOS PASS Output (BIST Mode)
PASS = 1, error free transmission
PASS = 0, one or more errors were detected in the received payload
Route to test point for monitoring, or leave open if unused.
Control and Configuration — STRAP PINS
For a High State, use a 10 k
Ω pull up to V
DDIO; for a Low State, the IO includes an internal pull down. The STRAP pins are read upon
power-up and set device configuration. Pin Number listed along with shared data output name in square brackets.
7
www.national.com


Similar Part No. - DS92LV2412SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV2412SQ/NOPB TI1-DS92LV2412SQ/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV2412SQE/NOPB TI1-DS92LV2412SQE/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV2412SQX/NOPB TI1-DS92LV2412SQX/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
More results

Similar Description - DS92LV2412SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS90UR241Q NSC-DS90UR241Q Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
[Old version datasheet]   MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com