Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28006 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28006
Description  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28006 Datasheet HTML 1Page - Intersil Corporation ISL28006 Datasheet HTML 2Page - Intersil Corporation ISL28006 Datasheet HTML 3Page - Intersil Corporation ISL28006 Datasheet HTML 4Page - Intersil Corporation ISL28006 Datasheet HTML 5Page - Intersil Corporation ISL28006 Datasheet HTML 6Page - Intersil Corporation ISL28006 Datasheet HTML 7Page - Intersil Corporation ISL28006 Datasheet HTML 8Page - Intersil Corporation ISL28006 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Micropower, Rail to Rail Input Current Sense Amplifier
with Voltage Output
ISL28006
The ISL28006 is a micropower, uni-directional
high-side and low-side current sense amplifier
featuring a proprietary rail-to-rail input current sensing
amplifier. The ISL28006 is ideal for high-side current
sense applications where the sense voltage is usually
much higher than the amplifier supply voltage. The
device can be used to sense voltages as high as 28V
when operating from a supply voltage as low as 2.7V.
The micropower ISL28006 consumes only 50µA of supply
current when operating from a 2.7V to 28V supply.
The ISL28006 features a common-mode input voltage
range from 0V to 28V. The proprietary architecture
extends the input voltage sensing range down to 0V,
making it an excellent choice for low-side ground sensing
applications. The benefit of this architecture is that a high
degree of total output accuracy is maintained over the
entire 0V to 28V common mode input voltage range.
The ISL28006 is available in fixed (100V/V, 50V/V, 20V/V
and Adjustable) gains in the space saving 5 Ld SOT-23
package and the 6 Ld SOT-23 package for the adjustable
gain part. The parts operate over the extended
temperature range from -40°C to +125°C.
Features
• Low Power Consumption . . . . . . . . . . . . . 50µA,Typ
• Supply Range. . . . . . . . . . . . . . . . . . . 2.7V to 28V
• Wide Common Mode Input . . . . . . . . . . . 0V to 28V
• Gain Versions
- ISL28006-100 . . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28006-50. . . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28006-20. . . . . . . . . . . . . . . . . . . . . . 20V/V
- ISL28006-ADJ . . . . . . . . .ADJ (Min Gain = 20V/V)
• Operating Temperature Range . . . . -40°C to +125°C
• Packages . . . . . . . . . . . . 5 Ld SOT-23, 6 Ld SOT-23
Applications*(see page 23)
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management/Charging
• Automotive Power Distribution
Related Literature*(see page 23)
•See AN1532 for “ISL28006 Evaluation Board User’s
Guide”
Typical Application
Gain Accuracy vs VRS+ = 0V to
28V
ISL28006
GND
ISL28006
ISL28006
+5VDC
+12VDC
+
-
+1.0VDC
+1.0VDC
SENSE
SENSE
SENSE
OUTPUT
+5VDC
OUTPUT
+12VDC
OUTPUT
MULTIPLE
OUTPUT
POWER SUPPLY
ISENSE
+12VDC
ISENSE
+5VDC
ISENSE
+1.0VDC
+
-
+
-
RSENSE
+5VDC
+5VDC
+5VDC
RSENSE
RSENSE
0
2468 10 12 14 16 18 20 22 24 26 28
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
VRS+ (V)
+100°C
+25°C
-40°C
+125°C
GAIN 100
May 27, 2010
FN6548.3


Similar Part No. - ISL28006

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
More results

Similar Description - ISL28006

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com