Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0421 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV0421
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV0421 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS92LV0421 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 9Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 10Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 11Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 12Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 13Page - National Semiconductor (TI) DS92LV0421 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
DS92LV0421 Channel Link II CML DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100Ω,
De-emph = disabled,
Figure 3
VODSEL = 0
DOUT+,
DOUT-
±225
±300
±375
mV
VODSEL = 1
±350
±450
±550
V
ODp-p
Differential Output Voltage
(DOUT+) – (DOUT-)
VODSEL = 0
600
mVp-p
VODSEL = 1
900
mVp-p
ΔV
OD
Output Voltage Unbalance
R
L = 100Ω, De-emph = disabled,
VODSEL = L
1
TBD
mV
V
OS
Offset Voltage – Single-ended
At TP A & B, Figure 2
R
L = 100Ω,
De-emph = disabled
VODSEL = 0
1.65
V
VODSEL = 1
1.575
V
ΔV
OS
Offset Voltage Unbalance
Single-ended
At TP A & B, Figure 2
R
L = 100Ω, De-emph = disabled
1
mV
I
OS
Output Short Circuit Current
DOUT+/- = 0V,
De-emph = disabled
VODSEL = 0
−36
mA
R
T
Internal Termination Resistor
80
120
DS92LV0422 CHANNEL LINK II CML RECEIVER DC SPECIFICATIONS
V
TH
Differential Input Threshold
High Voltage
V
CM = +1.2V (Internal VBIAS)
RIN+,
RIN-
+50
mV
V
TL
Differential Input Threshold
Low Voltage
-50
mV
V
CM
Common mode Voltage,
Internal V
BIAS
1.2
V
R
T
Input Termination
85
100
115
DS92LV0421 SUPPLY CURRENT
I
DDT1
Supply Current
(includes load current)
R
L = 100Ω, f = 65MHz
Checker Board
Pattern,
De-emph = disabled,
VODSEL = H, Figure
16
V
DD= 1.89V
All V
DD pins
65
TBD
mA
I
DDIOT1
V
DDIO=
1.89V
V
DDIO
TBD
TBD
mA
V
DDIO = 3.6V
TBD
TBD
mA
I
DDT2
Checker Board
Pattern,
De-emph = disabled,
VODSEL = L, Figure
16
V
DD= 1.89V
All V
DD pins
TBD
TBD
mA
I
DDIOT2
V
DDIO=
1.89V
V
DDIO
TBD
TBD
mA
V
DDIO = 3.6V
TBD
TBD
mA
I
DDT3
RANDOM pattern,
De-emph = disabled,
VODSEL = H
V
DD= 1.89V
All V
DD pins
TBD
mA
I
DDIOT3
V
DDIO=
1.89V
V
DDIO
TBD
mA
V
DDIO = 3.6V
TBD
mA
I
DDZ
Supply Current Power-down
PDB = 0V , (All other
LVCMOS Inputs = 0V)
V
DD= 1.89V
All V
DD pins
100
TBD
µA
I
DDIOZ
V
DDIO=
1.89V
V
DDIO
TBD
TBD
µA
V
DDIO = 3.6V
TBD
TBD
µA
DS92LV0422 SUPPLY CURRENT
I
DD1
Supply Current
(Includes load current)
75 MHz Clock
Checker Board
Pattern,
VODSEL = H,
SSCG = On
V
DDn = 1.89
V
All V
DD(1:8)
pins
TBD
TBD
mA
I
DDTX1
V
DDTX = 3.6 V VDDTX
TBD
TBD
mA
I
DDIO1
V
DDIO = 1.89
V
V
DDIO
TBD
TBD
mA
V
DDIO = 3.6 V
TBD
TBD
mA
www.national.com
10


Similar Part No. - DS92LV0421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421SQ/NOPB TI1-DS92LV0421SQ/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421SQE/NOPB TI1-DS92LV0421SQE/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421SQX/NOPB TI1-DS92LV0421SQX/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com