Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766IGN-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT1766IGN-TR
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IGN-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1766IGN-TR Datasheet HTML 6Page - Linear Technology LT1766IGN-TR Datasheet HTML 7Page - Linear Technology LT1766IGN-TR Datasheet HTML 8Page - Linear Technology LT1766IGN-TR Datasheet HTML 9Page - Linear Technology LT1766IGN-TR Datasheet HTML 10Page - Linear Technology LT1766IGN-TR Datasheet HTML 11Page - Linear Technology LT1766IGN-TR Datasheet HTML 12Page - Linear Technology LT1766IGN-TR Datasheet HTML 13Page - Linear Technology LT1766IGN-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT1766/LT1766-5
10
1766fc
APPLICATIONS INFORMATION
FEEDBACK PIN FUNCTIONS
The feedback (FB) pin on the LT1766 is used to set output
voltage and provide several overload protection features.
The first part of this section deals with selecting resistors
to set output voltage and the remaining part talks about
foldback frequency and current limiting created by the FB
pin. Please read both parts before committing to a final
design. The 5V fixed output voltage part (LT1766-5) has
internal divider resistors and the FB pin is renamed SENSE,
connected directly to the output.
The suggested value for the output divider resistor (see
Figure 2) from FB to ground (R2) is 5k or less, and a
formula for R1 is shown below. The output voltage error
caused by ignoring the input bias current on the FB pin
is less than 0.25% with R2 = 5k. A table of standard 1%
values is shown in Table 1 for common output voltages.
Please read the following if divider resistors are increased
above the suggested values.
R
RVOUT
1
21 22
122
=
()
.
.
Table 1
OUTPUT
VOLTAGE
(V)
R2
(kΩ)
R1
(NEAREST 1%)
(kΩ)
% ERROR AT OUTPUT
DUE TO DISCREET 1%
RESISTOR STEPS
34.99
7.32
+0.32
3.3
4.99
8.45
–0.43
54.99
15.4
–0.30
64.75
18.7
+0.38
84.47
24.9
+0.20
10
4.32
30.9
–0.54
12
4.12
36.5
+0.24
15
4.12
46.4
–0.27
More Than Just Voltage Feedback
The feedback pin is used for more than just output voltage
sensing. It also reduces switching frequency and current
limit when output voltage is very low (see the Frequency
Foldback graph in Typical Performance Characteristics).
This is done to control power dissipation in both the IC
and in the external diode and inductor during short-cir-
cuit conditions. A shorted output requires the switching
regulator to operate at very low duty cycles, and the
average current through the diode and inductor is equal
to the short-circuit current limit of the switch (typically 2A
for the LT1766, folding back to less than 1A). Minimum
switch on-time limitations would prevent the switcher
from attaining a sufficiently low duty cycle if switching
frequency were maintained at 200kHz, so frequency is
reduced by about 5:1 when the feedback pin voltage drops
below 0.8V (see Frequency Foldback graph). This does
not affect operation with normal load conditions; one
simply sees a gear shift in switching frequency during
start-up as the output voltage rises.
In addition to lower switching frequency, the LT1766 also
operates at lower switch current limit when the feedback
pin voltage drops below 0.6V. Q2 in Figure 2 performs
this function by clamping the VC pin to a voltage less than
its normal 2.1V upper clamp level. This
foldback current
limit greatly reduces power dissipation in the IC, diode
and inductor during short-circuit conditions. External syn-
chronization is also disabled to prevent interference with
foldback operation. Again, it is nearly transparent to the user
under normal load conditions. The only loads that may be
affected are current source loads which maintain full load
current with output voltage less than 50% of final value.
In these rare situations the feedback pin can be clamped
above 0.6V with an external diode to defeat foldback cur-
rent limit.
Caution: clamping the feedback pin means that
frequency shifting will also be defeated, so a combination
of high input voltage and dead shorted output may cause
the LT1766 to lose control of current limit.
The internal circuitry which forces reduced switching
frequency also causes current to flow out of the feedback
pin when output voltage is low. The equivalent circuitry is
shown in Figure 2. Q1 is completely off during normal op-
eration. If the FB pin falls below 0.8V, Q1 begins to conduct
current and reduces frequency at the rate of approximately
1.4kHz/μA. To ensure adequate frequency foldback (under
worst-case short-circuit conditions), the external divider
Thevinin resistance must be low enough to pull 115μA out
of the FB pin with 0.44V on the pin (RDIV ≤ 3.8k). The net
result is that reductions in frequency and current limit are
affected by output voltage divider impedance. Although


Similar Part No. - LT1766IGN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IGN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com