Electronic Components Datasheet Search |
|
PIC16LF1937-I/SO Datasheet(PDF) 3 Page - Microchip Technology |
|
PIC16LF1937-I/SO Datasheet(HTML) 3 Page - Microchip Technology |
3 / 508 page 2009 Microchip Technology Inc. Preliminary DS41364D-page 3 PIC16F193X/LF193X Devices Included In This Data Sheet: PIC16F193X Devices: PIC16LF193X Devices: High-Performance RISC CPU: • Only 49 Instructions to Learn: - All single-cycle instructions except branches • Operating Speed: - DC – 32 MHz oscillator/clock input - DC – 125 ns instruction cycle • Up to 16K x 14 Words of Flash Program Memory • Up to 1024 Bytes of Data Memory (RAM) • Interrupt Capability with automatic context saving • 16-Level Deep Hardware Stack • Direct, Indirect and Relative Addressing modes • Processor Read Access to Program Memory • Pinout Compatible to other 28/40-pin PIC16CXXX and PIC16FXXX Microcontrollers Special Microcontroller Features: • Precision Internal Oscillator: - Factory calibrated to ±1%, typical - Software selectable frequency range from 32 MHz to 31 kHz • Power-Saving Sleep mode • Power-on Reset (POR) • Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Brown-out Reset (BOR) - Selectable between two trip points - Disable in Sleep option • Multiplexed Master Clear with Pull-up/Input Pin • Programmable Code Protection • High Endurance Flash/EEPROM cell: - 100,000 write Flash endurance - 1,000,000 write EEPROM endurance - Flash/Data EEPROM retention: > 40 years • Wide Operating Voltage Range: - 1.8V-5.5V (PIC16F193X) - 1.8V-3.6V (PIC16LF193X) PIC16LF193X Low-Power Features: • Standby Current: - 60 nA @ 1.8V, typical • Operating Current: -7.0 A @ 32 kHz, 1.8V, typical (PIC16LF193X) -150 A @ 1 MHz, 1.8V, typical (PIC16LF193X) • Timer1 Oscillator Current: - 600 nA @ 32 kHz, 1.8V, typical • Low-Power Watchdog Timer Current: - 500 nA @ 1.8V, typical (PIC16LF193X) Peripheral Features: • Up to 35 I/O Pins and 1 Input-only pin: - High-current source/sink for direct LED drive - Individually programmable Interrupt-on-pin change pins - Individually programmable weak pull-ups • Integrated LCD Controller: - Up to 96 segments - Variable clock input - Contrast control - Internal voltage reference selections • Capacitive Sensing Module (mTouchTM) - Up to 16 selectable channels • A/D Converter: - 10-bit resolution and up to 14 channels - Selectable 1.024/2.048/4.096V voltage reference • Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler • Enhanced Timer1 - Dedicated low-power 32 kHz oscillator driver - 16-bit timer/counter with prescaler - External Gate Input mode with toggle and single shot modes - Interrupt-on-gate completion • Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler • Two Capture, Compare, PWM Modules (CCP) - 16-bit Capture, max. resolution 125 ns - 16-bit Compare, max. resolution 125 ns - 10-bit PWM, max. frequency 31.25 kHz • Three Enhanced Capture, Compare, PWM modules (ECCP) - 3 PWM time-base options - Auto-shutdown and auto-restart - PWM steering - Programmable Dead-band Delay • PIC16F1933 • PIC16F1934 • PIC16F1936 • PIC16F1937 • PIC16F1938 • PIC16F1939 • PIC16LF1933 • PIC16LF1934 • PIC16LF1936 • PIC16LF1937 • PIC16LF1938 • PIC16LF1939 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with nanoWatt XLP Technology |
Similar Part No. - PIC16LF1937-I/SO |
|
Similar Description - PIC16LF1937-I/SO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |