Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766EFE-5-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1766EFE-5-TR
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766EFE-5-TR Datasheet(HTML) 1 Page - Linear Technology

  LT1766EFE-5-TR Datasheet HTML 1Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 2Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 3Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 4Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 5Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 6Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 7Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 8Page - Linear Technology LT1766EFE-5-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT1766/LT1766-5
1
1766fc
TYPICAL APPLICATION
DESCRIPTION
5.5V to 60V 1.5A, 200kHz
Step-Down Switching Regulator
5V Buck Converter
FEATURES
APPLICATIONS
n Wide Input Range: 5.5V to 60V
n 1.5A Peak Switch Current
n Constant 200kHz Switching Frequency
n Saturating Switch Design: 0.2Ω
n Peak Switch Current Rating Maintained Over
Full Duty Cycle Range
n Low Effective Supply Current: 2.5mA
n Low Shutdown Current: 25μA
n 1.2V Feedback Reference Voltage (LT1766)
n 5V Fixed Output (LT1766-5)
n Easily Synchronizable
n Cycle-by-Cycle Current Limiting
n Small 16-Pin SSOP and Thermally Enhanced
TSSOP Packages
The LT
®1766/LT1766-5are200kHzmonolithicbuckswitch-
ing regulators that accept input voltages up to 60V. A high
efficiency 1.5A, 0.2Ω switch is included on the die along
with all the necessary oscillator, control and logic circuitry.
A current mode control architecture delivers fast transient
response and excellent loop stability.
Special design techniques and a new high voltage process
achieve high efficiency over a wide input range. Efficiency
is maintained over a wide output current range by using the
output to bias the circuitry and by utilizing a supply boost
capacitor to saturate the power switch. Patented circuitry
maintains peak switch current over the full duty cycle range.
A shutdown pin reduces supply current to 25μA and the
device can be externally synchronized from 228kHz to
700kHz with logic-level inputs.
The LT1766/LT1766-5 are available in a 16-pin fused-lead
SSOP package or a TSSOP package with exposed backside
for improved thermal performance.
n High Voltage, Industrial and Automotive
n Portable Computers
n Battery-Powered Systems
n Battery Chargers
n Distributed Power Systems
Efficiency vs Load Current
BOOST
VIN
6
2
10
12
10MQ060N
15.4k
VOUT
5V
1A
4
15
14
11
220pF
0.022μF
*
FOR INPUT VOLTAGES BELOW 7.5V, SOME RESTRICTIONS MAY APPLY
TDK C4532X7R2A225K
1, 8, 9, 16
LT1766
SHDN
SYNC
SW
BIAS
FB
VC
GND
0.33μF
100μF 10V
SOLID
TANTALUM
47μH
1N4148W
4.99k
1766 TA01
2.2μF
100V
CERAMIC
VIN*
5.5V TO 60V
+
2.2k
ON
OFF
LOAD CURRENT (A)
0
80
90
100
1.00
1766 TA02
70
60
50
0.25
0.50
0.75
1.25
VIN = 12V
VIN = 42V
VOUT = 5V
L = 47μH
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 6498466, 6531909.


Similar Part No. - LT1766EFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766EFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com