Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2481 Datasheet HTML 18Page - Linear Technology LTC2481 Datasheet HTML 19Page - Linear Technology LTC2481 Datasheet HTML 20Page - Linear Technology LTC2481 Datasheet HTML 21Page - Linear Technology LTC2481 Datasheet HTML 22Page - Linear Technology LTC2481 Datasheet HTML 23Page - Linear Technology LTC2481 Datasheet HTML 24Page - Linear Technology LTC2481 Datasheet HTML 25Page - Linear Technology LTC2481 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC2481
22
2481fc
APPLICATIONS INFORMATION
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and INinput pins
extending from GND – 0.3V to VCC + 0.3V. Outside these
limits, the ESD protection devices begin to turn on and the
errors due to input leakage current increase rapidly. Within
these limits, the LTC2481 converts the bipolar differential
input signal, VIN = IN+ – IN, from –FS to +FS where FS = 0.5
• VREF/GAIN. Beyond this range, the converter indicates the
overrange or the underrange condition using distinct output
codes. Since the differential input current cancellation does
not rely on an on-chip buffer, current cancellation as well
as DC performance is maintained rail-to-rail.
Input signals applied to IN+ and INpins may extend by
300mV below ground and above VCC. In order to limit any
fault current, resistors of up to 5k may be added in series
with the IN+ and INpins without affecting the performance
of the devices. The effect of the series resistance on the
converter accuracy can be evaluated from the curves
presented in the Input Current/Reference Current sections.
In addition, series resistors will introduce a temperature
dependent offset error due to the input leakage current.
A 1nA input leakage current will develop a 1ppm offset
error on a 5k resistor if VREF = 5V. This error has a very
strong temperature dependency.
Driving the Input and Reference
The input and reference pins of the LTC2481 converter
are directly connected to a network of sampling capaci-
tors. Depending upon the relation between the differential
input voltage and the differential reference voltage, these
capacitors are switching between these four pins transfer-
ring small amounts of charge in the process. A simplified
equivalent circuit is shown in Figure 12.
For a simple approximation, the source impedance RS
driving an analog input pin (IN+, IN, REF+ or REF) can be
considered to form, together with RSW and CEQ (see Fig-
ure 12), a first order passive network with a time constant
τ = (RS + RSW) • CEQ. The converter is able to sample the
input signal with better than 1ppm accuracy if the sampling
period is at least 14 times greater than the input circuit time
constant
τ. The sampling process on the four input analog
pins is quasi-independent so each time constant should be
considered by itself and, under worst-case circumstances,
the errors may add.
When using the internal oscillator, the LTC2481’s front-end
switched-capacitor network is clocked at 123kHz corre-
sponding to an 8.1μs sampling period. Thus, for settling
errors of less than 1ppm, the driving source impedance
should be chosen such that
τ≤8.1μs/14=580ns.Whenan
external oscillator of frequency fEOSC is used, the sampling
period is 2.5/fEOSC and, for a settling error of less than
1ppm,
τ ≤ 0.178/fEOSC.
VREF
+
VIN
+
VCC
RSW (TYP)
10k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
10k
CEQ
12pF
(TYP)
RSW (TYP)
10k
ILEAK
IIN
+
VIN
IIN
IREF
+
IREF
2481 F12
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
VREF
RSW (TYP)
10k
IIN
I IN
VV
R
I REF
VV
V
R
V
VR
VD
R
VV
V
R
V
VR
where
AVG
AVG
IN CM
REF CM
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
REF
T
EQ
REF
REF CM
IN CM
EQ
IN
REF
EQ
REF
REF
()
()
()
()
.
.
.
.•
.–
.•
05
15
05
05
15
05
2
2
:
.
V
VIN
IN
V
IN
IN
R
MΩ INTERNAL OSCILLATOR
Hz MODE
REFCM
IN
INCM
EQ
V
, REF
REF
REF
2
2
271
60
R
2.98MΩ INTERNAL OSCILLATOR 50Hz AND 60Hz MODE
R
0.833 10
/ f
EXTERNAL OSCILLATOR
D IS THE DENSITY OF A DIGITAL TRANSITION AT THE MODULATOR OUTPUT
EQ
EQ
12
EOSC
T
WHERE REFIS INTERNALLY TIED TO GND
Figure 12. LTC2481 Equivalent Analog Input Circuit


Similar Part No. - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2481 LINER-LTC2481 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2481 LINER-LTC2481 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com