Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 5 Page - Linear Technology

  LTC2481_1 Datasheet HTML 1Page - Linear Technology LTC2481_1 Datasheet HTML 2Page - Linear Technology LTC2481_1 Datasheet HTML 3Page - Linear Technology LTC2481_1 Datasheet HTML 4Page - Linear Technology LTC2481_1 Datasheet HTML 5Page - Linear Technology LTC2481_1 Datasheet HTML 6Page - Linear Technology LTC2481_1 Datasheet HTML 7Page - Linear Technology LTC2481_1 Datasheet HTML 8Page - Linear Technology LTC2481_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC2481
5
2481fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
l
10
4000
kHz
tHEO
External Oscillator High Period
l
0.125
100
μs
tLEO
External Oscillator Low Period
l
0.125
100
μs
tCONV_1
Conversion Time for 1x Speed Mode
50Hz Mode
50Hz Mode (H-Grade)
60Hz Mode
60Hz Mode (H-Grade)
Simultaneous 50Hz/60Hz Mode
Simultaneous 50Hz/60Hz Mode (H-Grade)
External Oscillator (Note 10)
l
l
l
l
l
l
l
157.2
157.2
131.0
131.0
144.1
144.1
160.3
160.3
133.6
133.6
146.9
146.9
41036/fEOSC
163.5
165.1
136.3
137.6
149.9
151.0
ms
ms
ms
ms
ms
ms
ms
tCONV_2
Conversion Time for 2x Speed Mode
50Hz Mode
50Hz Mode (H-Grade)
60Hz Mode
60Hz Mode (H-Grade)
Simultaneous 50Hz/60Hz Mode
Simultaneous 50Hz/60Hz Mode (H-Grade)
External Oscillator (Note 10)
l
l
l
l
l
l
l
78.7
65.6
72.2
80.3
66.9
73.6
20556/fEOSC
81.9
82.7
68.2
68.9
75.1
75.6
ms
ms
ms
ms
ms
ms
ms
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
I2C TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 15)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(SDA)
Hold Time (Repeated) START Condition
l
0.6
μs
tLOW
LOW Period of the SCL Clock Pin
l
1.3
μs
tHIGH
HIGH Period of the SCL Clock Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated START Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time for Both SDA and SCL Signals
(Note 14)
l
20+0.1CB
300
ns
tf
Fall Time for Both SDA and SCL Signals
(Note 14)
l
20+0.1CB
300
ns
tSU(STO)
Set-Up Time for STOP Condition
l
0.6
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7V to 5.5V unless otherwise specified.
VREF = REF+ – REF, VREFCM = (REF+ + REF)/2, FS = 0.5VREF/GAIN;
VIN = IN+ – IN, VINCM = (IN+ + IN)/2.
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz mode (internal oscillator) or fEOSC = 256kHz ±2% (external
oscillator).
Note 8: 60Hz mode (internal oscillator) or fEOSC = 307.2kHz ±2% (external
oscillator).
Note 9: Simultaneous 50Hz/60Hz mode (internal oscillator) or fEOSC =
280kHz ±2% (external oscillator).
Note 10: The external oscillator is connected to the CA0/f0 pin. The
external oscillator frequency, fEOSC, is expressed in kHz.
Note 11: The converter uses the internal oscillator.
Note 12: The output noise includes the contribution of the internal
calibration operations.
Note 13: Guaranteed by design and test correlation.
Note 14: CB = capacitance of one bus line in pF.
Note 15: All values refer to VIH(MIN) and VIL(MAX) levels.


Similar Part No. - LTC2481_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com