Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2453CTS8-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2453CTS8-TRPBF
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453CTS8-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2453CTS8-TRPBF Datasheet HTML 1Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 2Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC2453CTS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2453
5
2453fb
Offset Error vs Temperature
Gain Error vs Temperature
Transition Noise vs Temperature
Transition Noise vs Output Code
Conversion Mode Power Supply
Current vs Temperature
Sleep Mode Power Supply
Current vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Average Power Dissipation
vs Temperature, VCC = 3V
Power Supply Rejection
vs Frequency at VCC
Conversion Time vs Temperature
TEMPERATURE (°C)
–50
–1
0
1
2
3
5
–25
025
50
2453 G04
75
100
4
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
VCC = VREF
+ = 4.1V
TEMPERATURE (°C)
–50
0
1
2
3
4
5
–25
025
50
2453 G05
75
100
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
VCC = VREF
+ = 4.1V
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
3.0
–25
025
50
2453 G06
75
100
2.5
VCC = 4.1V
VCC = 5V
VCC = 3V
OUTPUT CODE
–32768
32768
0
0.5
1.0
1.5
2.0
–16384
16384
0
2453 G07
2.5
3.0
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
TEMPERATURE (°C)
–50
0
200
400
600
800
1200
–25
025
50
2453 G08
75
100
1000
VCC = 5V
VCC = 3V
VCC = 4.1V
60Hz OUTPUT SAMPLE RATE
TEMPERATURE (°C)
–50
0
50
100
150
200
250
–25
025
50
2453 G09
75
100
VCC = 5V
VCC = 3V
VCC = 4.1V
TEMPERATURE (°C)
–50
1
10
100
1000
10000
–25
0
25
50
2453 G10
75
100
25Hz OUTPUT SAMPLE RATE
10Hz OUTPUT SAMPLE RATE
1Hz OUTPUT SAMPLE RATE
FREQUENCY AT VCC (Hz)
110
–100
–60
0
100
10k
100k
2453 G11
–80
–20
–40
1k
1M
10M
VCC = 4.1V
VREF
+ = 2.7V
VREF
= 0V
VIN
+ = 1V
VIN
= 2V
TEMPERATURE (°C)
–50
21
20
19
18
17
16
15
14
25
75
2453 G12
–25
0
50
100
VCC = 3V
VCC = 5V
VCC = 4.1V
(TA = 25°C, unless otherwise noted)


Similar Part No. - LTC2453CTS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2453CDDBTRMPBF LINER-LTC2453CDDBTRMPBF Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
More results

Similar Description - LTC2453CTS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com