Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2480 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 34Page - Linear Technology LTC2480 Datasheet HTML 35Page - Linear Technology LTC2480 Datasheet HTML 36Page - Linear Technology LTC2480 Datasheet HTML 37Page - Linear Technology LTC2480 Datasheet HTML 38Page - Linear Technology LTC2480 Datasheet HTML 39Page - Linear Technology LTC2480 Datasheet HTML 40Page - Linear Technology LTC2480 Datasheet HTML 41Page - Linear Technology LTC2480 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
LTC2480
38
2480fc
APPLICATIONS INFORMATION
rejection identical as that for the 1x speed mode. The
averaging operation still keeps the output rate with the
following algorithm:
Result 1 = average (sample 0, sample 1)
Result 2 = average (sample 1, sample 2)
……
Result n = average (sample n – 1, sample n)
The main advantage of the running average is that it
achieves simultaneous 50Hz/60Hz rejection at twice the
effective output rate, as shown in Figure 42. The raw output
data provides a better than 70dB rejection over 48Hz to
62.4Hz, which covers both 50Hz ±2% and 60Hz ±2%. With
running average on, the rejection is better than 87dB for
both 50Hz ±2% and 60Hz ±2%.
Complete Thermocouple Measurement System with
Cold Junction Compensation
The LTC2480 is ideal for direct digitization of thermo-
couples and other low voltage output sensors. The input
has a typical offset error of 500nV (2.5μV max) offset
drift of 10nV/°C and a noise level of 600nVRMS. The input
span may be optimized for various sensors by setting the
gain of the PGA. Using an external 5V reference with a
PGA gain of 64 gives a ±78mV input range—perfect for
thermocouples.
Figure 44 (last page of this data sheet) is a complete type
K thermocouple meter. The only signal conditioning is a
simple surge protection network. In any thermocouple
meter, the cold junction temperature sensor must be at
the same temperature as the junction between the ther-
mocouple materials and the copper printed circuit board
traces. The tiny LTC2480 can be tucked neatly underneath
an Omega MPJ-K-F thermocouple socket ensuring close
thermal coupling.
The LTC2480’s 1.4mV/°C PTAT circuit measures the
cold junction temperature. Once the thermocouple volt-
age and cold junction temperature are known, there are
many ways of calculating the thermocouple temperature
including a straight-line approximation, lookup tables or
a polynomial curve fit. Calibration is performed by apply-
ing an accurate 500mV to the ADC input derived from an
LT
®1236 reference and measuring the local temperature
with an accurate thermometer as shown in Figure 43. In
calibration mode, the up and down buttons are used to
adjust the local temperature reading until it matches an
accurate thermometer. Both the voltage and temperature
calibration are easily automated.
The complete microcontroller code for this application is
available on the LTC2480 product Web page at:
http://www.linear.com
It can be used as a template for may different instruments
and it illustrates how to generate calibration coefficients
for the onboard temperature sensor. Extensive comments
detail the operation of the program. The read_LTC2480()
function controls the operation of the LTC2480 and is
listed below for reference.
CS
SCK
SDO
SDI
FO
6
9
7
1
10
VCC
5V
LTC2480
REF
GND
IN
IN+
3
ISOTHERMAL
2
C7
0.1μF
C8
1μF
4
R2
2k
R7
8k
6
2
5
4
R8
1k
5
2480 F43
26.3C
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
11
8
GND
IN OUT
G1
NC1M4V0
TRIM
GND
LT1236
+
Figure 43. Calibration Setup


Similar Part No. - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
LTC2480 LINER-LTC2480 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2480 LINER-LTC2480 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2480 LINER-LTC2480 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2480CDD LINER-LTC2480CDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com