Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2480 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 27Page - Linear Technology LTC2480 Datasheet HTML 28Page - Linear Technology LTC2480 Datasheet HTML 29Page - Linear Technology LTC2480 Datasheet HTML 30Page - Linear Technology LTC2480 Datasheet HTML 31Page - Linear Technology LTC2480 Datasheet HTML 32Page - Linear Technology LTC2480 Datasheet HTML 33Page - Linear Technology LTC2480 Datasheet HTML 34Page - Linear Technology LTC2480 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
LTC2480
31
2480fc
APPLICATIONS INFORMATION
VREF translates into about 2.18 • 10–6 • fEOSCppm addi-
tional INL error. Figure 19 shows the typical INL error due
to the source resistance driving the VREF pin when large
CREF values are used. The user is advised to minimize the
source impedance driving the VREF pin.
In applications where the reference and input common
mode voltages are different, extra errors are introduced.
For every 1V of the reference and input common mode
voltage difference (VREFCM – VINCM) and a 5V reference,
each Ohm of reference source resistance introduces an
extra (VREFCM – VINCM)/(VREF • REQ) full-scale gain error,
which is 0.074ppm when using internal oscillator and 60Hz
mode. When using internal oscillator and 50Hz/60Hz mode,
the extra full-scale gain error is 0.067ppm. When using
RSOURCE (Ω)
0
50
70
90
10k
2480 F15
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
= 1.25V
FO = GND
TA = 25°C
CREF = 0.01μF
CREF = 0.001μF
CREF = 100pF
CREF = 0pF
Figure 15. +FS Error vs RSOURCE at VREF (Small CREF)
Figure 16. –FS Error vs RSOURCE at VREF (Small CREF)
Figure 17. +FS Error vs RSOURCE at VREF (Large CREF)
RSOURCE (Ω)
0
–30
–10
10
10k
2480 F16
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
= 3.75V
FO = GND
TA = 25°C
CREF = 0.01μF
CREF = 0.001μF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0
300
400
500
800
2480 F17
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
= 1.25V
FO = GND
TA = 25°C
CREF = 1μF, 10μF
CREF = 0.1μF
CREF = 0.01μF
Figure 18. –FS Error vs RSOURCE at VREF (Large CREF)
Figure 19. INL vs Differential Input Voltage and
Reference Source Resistance for CREF > 1μF
RSOURCE (Ω)
0
–200
–100
0
800
2480 F18
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
= 3.75V
FO = GND
TA = 25°C
CREF = 1μF, 10μF
CREF = 0.1μF
CREF = 0.01μF
VIN/VREF (V)
–0.5
2
6
10
0.3
2480 F19
–2
–6
0
4
8
–4
–8
–10
–0.3
–0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10μF
R = 1k
R = 100Ω
R = 500Ω


Similar Part No. - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
LTC2480 LINER-LTC2480 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2480 LINER-LTC2480 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2480 LINER-LTC2480 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2480CDD LINER-LTC2480CDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com