Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761IS5-1.8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1761IS5-1.8
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761IS5-1.8 Datasheet(HTML) 5 Page - Linear Technology

  LT1761IS5-1.8 Datasheet HTML 1Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 2Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 3Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 4Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 5Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 6Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 7Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 8Page - Linear Technology LT1761IS5-1.8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT1761 Series
5
1761sff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
LT1761-1.2
VIN = 2.3V, ΔILOAD = 1mA to 50mA
VIN = 2.3V, ΔILOAD = 1mA to 50mA
VIN = 2.3V, ΔILOAD = 1mA to 100mA
VIN = 2.3V, ΔILOAD = 1mA to 100mA
l
l
1
1
6
12
12
50
mV
mV
mV
mV
LT1761-1.5
VIN = 2.5V, ΔILOAD = 1mA to 50mA
VIN = 2.5V, ΔILOAD = 1mA to 50mA
VIN = 2.5V, ΔILOAD = 1mA to 100mA
VIN = 2.5V, ΔILOAD = 1mA to 100mA
l
l
10
14
20
35
30
55
mV
mV
mV
mV
LT1761-1.8
VIN = 2.8V, ΔILOAD = 1mA to 50mA
VIN = 2.8V, ΔILOAD = 1mA to 50mA
VIN = 2.8V, ΔILOAD = 1mA to 100mA
VIN = 2.8V, ΔILOAD = 1mA to 100mA
l
l
10
15
20
35
30
60
mV
mV
mV
mV
LT1761-2
VIN = 3V, ΔILOAD = 1mA to 50mA
VIN = 3V, ΔILOAD = 1mA to 50mA
VIN = 3V, ΔILOAD = 1mA to 100mA
VIN = 3V, ΔILOAD = 1mA to 100mA
l
l
10
15
20
35
35
65
mV
mV
mV
mV
LT1761-2.5
VIN = 3.5V, ΔILOAD = 1mA to 50mA
VIN = 3.5V, ΔILOAD = 1mA to 50mA
VIN = 3.5V, ΔILOAD = 1mA to 100mA
VIN = 3.5V, ΔILOAD = 1mA to 100mA
l
l
10
20
20
35
40
80
mV
mV
mV
mV
LT1761-2.8
VIN = 3.8V, ΔILOAD = 1mA to 50mA
VIN = 3.8V, ΔILOAD = 1mA to 50mA
VIN = 3.8V, ΔILOAD = 1mA to 100mA
VIN = 3.8V, ΔILOAD = 1mA to 100mA
l
l
10
20
20
38
40
86
mV
mV
mV
mV
LT1761-3
VIN = 4V, ΔILOAD = 1mA to 50mA
VIN = 4V, ΔILOAD = 1mA to 50mA
VIN = 4V, ΔILOAD = 1mA to 100mA
VIN = 4V, ΔILOAD = 1mA to 100mA
l
l
10
20
20
40
40
90
mV
mV
mV
mV
LT1761-3.3
VIN = 4.3V, ΔILOAD = 1mA to 50mA
VIN = 4.3V, ΔILOAD = 1mA to 50mA
VIN = 4.3V, ΔILOAD = 1mA to 100mA
VIN = 4.3V, ΔILOAD = 1mA to 100mA
l
l
10
20
20
40
40
100
mV
mV
mV
mV
LT1761-5
VIN = 6V, ΔILOAD = 1mA to 50mA
VIN = 6V, ΔILOAD = 1mA to 50mA
VIN = 6V, ΔILOAD = 1mA to 100mA
VIN = 6V, ΔILOAD = 1mA to 100mA
l
l
15
25
30
60
65
150
mV
mV
mV
mV
LT1761 (Note 3)
VIN = 2.3V, ΔILOAD = 1mA to 50mA
VIN = 2.3V, ΔILOAD = 1mA to 50mA
VIN = 2.3V, ΔILOAD = 1mA to 100mA
VIN = 2.3V, ΔILOAD = 1mA to 100mA
l
l
1
1
6
12
12
50
mV
mV
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 5, 6, 11)
ILOAD = 1mA
ILOAD = 1mA
l
0.10
0.15
0.19
V
V
ILOAD = 10mA
ILOAD = 10mA
l
0.17
0.22
0.29
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.24
0.28
0.38
V
V
ILOAD = 100mA
ILOAD = 100mA
0.30
0.35
0.45
V
V


Similar Part No. - LT1761IS5-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1761IS5-1.8 LINEAR_DIMENSIONS-LT1761IS5-1.8 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761IS5-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com