Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766EGN-5-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1766EGN-5-TRPBF
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766EGN-5-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1766EGN-5-TRPBF Datasheet HTML 5Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 6Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 7Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 8Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 9Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 10Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 11Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 12Page - Linear Technology LT1766EGN-5-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT1766/LT1766-5
9
1766fc
BLOCK DIAGRAM
will have 90° phase shift at a much lower frequency, but
will not have the additional 90° shift until well beyond
the LC resonant frequency. This makes it much easier to
frequency compensate the feedback loop and also gives
much quicker transient response.
Most of the circuitry of the LT1766 operates from an internal
2.9V bias line. The bias regulator normally draws power
from the regulator input pin, but if the BIAS pin is connected
to an external voltage higher than 3V, bias power will be
drawn from the external source (typically the regulated
+
VIN
2.9V BIAS
REGULATOR
200kHz
OSCILLATOR
FREQUENCY
FOLDBACK
SW
FB
GND
1, 8, 9, 16, 17
1766 F01
SLOPE COMP
ANTISLOPE COMP
BIAS
INTERNAL
VCC
SYNC
0.4V
5.5μA
CURRENT
COMPARATOR
RLIMIT
RSENSE
ERROR
AMPLIFIER
gm = 2000μMho
Q2
FOLDBACK
CURRENT
LIMIT
CLAMP
BOOST
RS
FLIP-FLOP
DRIVER
CIRCUITRY
S
R
Q1
POWER
SWITCH
1.22V
4
10
14
SHDN 15
6
2
12
11
VC
LOCKOUT
COMPARATOR
SHUTDOWN
COMPARATOR
2.38V
×1
Q3
VC(MAX)
CLAMP
output voltage). This will improve efficiency if the BIAS
pin voltage is lower than regulator input voltage.
High switch efficiency is attained by using the BOOST
pin to provide a voltage to the switch driver which is
higher than the input voltage, allowing switch to be satu-
rated. This boosted voltage is generated with an external
capacitor and diode. Two comparators are connected to the
shutdown pin. One has a 2.38V threshold for undervoltage
lockout and the second has a 0.4V threshold for complete
shutdown.
Figure 1. LT1766 Block Diagram


Similar Part No. - LT1766EGN-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766EGN-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com