Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789CS8-10 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1789CS8-10
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789CS8-10 Datasheet(HTML) 1 Page - Linear Technology

  LT1789CS8-10 Datasheet HTML 1Page - Linear Technology LT1789CS8-10 Datasheet HTML 2Page - Linear Technology LT1789CS8-10 Datasheet HTML 3Page - Linear Technology LT1789CS8-10 Datasheet HTML 4Page - Linear Technology LT1789CS8-10 Datasheet HTML 5Page - Linear Technology LT1789CS8-10 Datasheet HTML 6Page - Linear Technology LT1789CS8-10 Datasheet HTML 7Page - Linear Technology LT1789CS8-10 Datasheet HTML 8Page - Linear Technology LT1789CS8-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1789-1/LT1789-10
1
1789fc
The LT®1789-1/LT1789-10 are micropower, precision
instrumentation amplifiers that are optimized for single
supply operation from 2.2V to 36V. The quiescent current
is 95μA max, the inputs common mode to ground and the
output swings within 110mV of ground. The gain is set
with a single external resistor for a gain range of 1 to 1000
for the LT1789-1 and 10 to 1000 for the LT1789-10.
The high accuracy of the LT1789-1 (40ppm maximum non-
linearity and 0.25% max gain error) is unmatched by other
micropower instrumentation amplifiers. The LT1789-10
maximizes both the input common mode range and dynamic
outputrangewhenanamplificationof10orgreaterisrequired,
allowingprecisesignalprocessingwhereotherinstrumenta-
tion amplifiers fail to operate. The LT1789-1/LT1789-10 are
laser trimmed for very low input offset voltage, low input
offset voltage drift, high CMRR and high PSRR. The output
can handle capacitive loads up to 400pF (LT1789-1), 1000pF
(LT1789-10) in any gain configuration while the inputs are
ESD protected up to 10kV (human body).
The LT1789-1/LT1789-10 are offered in the 8-pin SO
package, requiring significantly less PC board area than
discrete multi op amp and resistor designs.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Micropower,
Single Supply Rail-to-Rail
Output Instrumentation Amplifiers
0.5A to 4A Voltage Controlled Current Source
n Micropower: 95μA Supply Current Max
n Low Input Offset Voltage: 100μV Max
n Low Input Offset Voltage Drift: 0.5μV/°C Max
n Single Gain Set Resistor:
G = 1 to 1000 (LT1789-1)
G = 10 to 1000 (LT1789-10)
n Inputs Common Mode to V
n Wide Supply Range: 2.2V to 36V Total Supply
n CMRR at G = 10: 96dB Min
n Gain Error: G = 10, 0.25% Max
n Gain Nonlinearity: G = 10, 40ppm Max
n Input Bias Current: 40nA Max
n PSRR at G = 10: 100dB Min
n 1kHz Voltage Noise: 48nV/√Hz
n 0.1Hz to 10Hz Noise: 1.5μVP-P
n Portable Instrumentation
n Bridge Amplifiers
n Strain Gauge Amplifiers
n Thermocouple Amplifiers
n Differential to Single-Ended Converters
n Medical Instrumentation
5
7
VS
4
* ENSURE ADEQUATE POWER
DISSIPATION CAPABILITY AT
HIGHER VOLTAGES,
CURRENTS AND DUTY CYCLES
ILOAD
RLOAD*
1789 TA01
RSENSE*
0.1Ω
TIP127*
6
3
2
R4
10k
C2
3300pF
R3
100Ω
C3
0.1μF
2
1
3
8
C1
4700pF
VIN
7
R2
10k
6
VS
4
5
R1
90.9k
4
3
2
1
120Ω
8k
VS
VS = 3.3V TO 32V
= 1A PER VOLT AS SHOWN
ILOAD =
RISE TIME ≈ 250μs, 10% TO 90%,
1A TO 2A OUTPUT STEP INTO 0.25Ω LOAD
VIN
RSENSE • 10
LT1636
+
REF
LT1789-1


Similar Part No. - LT1789CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789CS8-10 LINER-LT1789CS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com