Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766IFE-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT1766IFE-TRPBF
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IFE-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT1766IFE-TRPBF Datasheet HTML 1Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 2Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 3Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 4Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 5Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 6Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 7Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 8Page - Linear Technology LT1766IFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT1766/LT1766-5
2
1766fc
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage (VIN) .................................................. 60V
BOOST Pin Above SW.............................................. 35V
BOOST Pin Voltage ................................................. 68V
SYNC, SENSE Voltage (LT1766-5) ............................. 7V
SHDN Voltage ............................................................ 6V
BIAS Pin Voltage ..................................................... 30V
FB Pin Voltage/Current (LT1766) ................... 3.5V/2mA
Operating Junction Temperature Range
LT1766EFE/LT1766EFE-5/LT1766EGN/
LT1766EGN-5 (Note 8,10)....................–40°C to 125°C
LT1766IFE/LT1766IFE-5/
LT1766IGN/LT1766IGN-5 (Note 8,10) ..–40°C to 125°C
LT1766HFE ..........................................–40°C to 140°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
NC
VIN
NC
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB/SENSE
VC
BIAS
GND
17
GND
θJA = 45°C, θJC (PIN 17) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
NC
VIN
NC
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB/SENSE
VC
BIAS
GND
θJA = 85°C, θJC (PIN 8) = 25°C/W
FOUR CORNER PINS SOLDERED TO GROUND PIN
PIN CONFIGURATION


Similar Part No. - LT1766IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com