Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1797 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 4 Page - Linear Technology

  LT1797_1 Datasheet HTML 1Page - Linear Technology LT1797_1 Datasheet HTML 2Page - Linear Technology LT1797_1 Datasheet HTML 3Page - Linear Technology LT1797_1 Datasheet HTML 4Page - Linear Technology LT1797_1 Datasheet HTML 5Page - Linear Technology LT1797_1 Datasheet HTML 6Page - Linear Technology LT1797_1 Datasheet HTML 7Page - Linear Technology LT1797_1 Datasheet HTML 8Page - Linear Technology LT1797_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1797
4
1797fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VS = ±5V, VCM = 0V, VOUT = 0V, pulse power tested unless otherwise
specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Differential
Common Mode, VCM = –5V to 3.7V
200
330
100
CIN
Input Capacitance
4pF
Input Voltage Range
l
–5
5
V
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.7V
VCM = –5V to 5V
l
l
78
66
96
76
dB
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL = 10k
l
400
300
1000
V/mV
V/mV
VOL
Output Voltage Swing LOW
No Load, Input Overdrive = 30mV
ISINK = 5mA
ISINK = 10mA
l
l
l
–4.99
–4.92
–4.85
–4.97
–4.87
–4.79
V
V
V
VOH
Output Voltage Swing HIGH
No Load, Input Overdrive = 30mV
ISOURCE = 5mA
ISOURCE = 10mA
l
l
l
4.84
4.70
4.61
4.95
4.80
4.70
V
V
V
ISC
Short-Circuit Current (Note 2)
Short to GND
30
50
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±6V
l
80
90
dB
IS
Supply Current
l
1.40
2.25
3.00
mA
mA
GBW
Gain Bandwidth Product
f = 100kHz
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
6.5
5.5
5.0
11
MHz
MHz
MHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V, Measured at VO = ±2V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1.50
1.25
1.10
2.50
V/μs
V/μs
V/μs
tr
Output Rise Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tf
Output Fall Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tS
Settling Time
ΔVOUT = 4V to 0.1%, AV = 1
2.6
μs
FPBW
Full-Power Bandwidth (Note 6)
VOUT = 8VP-P
100
kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1797C is guaranteed to meet 0°C to 70°C specifications and
is designed, characterized and expected to meet the extended temperature
limits, but is not tested at –40°C and 85°C. The LT1797I is guaranteed to
meet specified performance from –40°C to 85°C.
Note 4: This parameter is not 100% tested.
Note 5: VS = 3V limit guaranteed by correlation to 5V tests.
Note 6: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP


Similar Part No. - LT1797_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1797_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com