Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789IS8-10-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1789IS8-10-PBF
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789IS8-10-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1789IS8-10-PBF Datasheet HTML 3Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 4Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 5Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 6Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 7Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 8Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 9Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 10Page - Linear Technology LT1789IS8-10-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1789-1/LT1789-10
7
1789fc
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
BW
Bandwidth
G = 1
G = 10
G = 100
G = 1000
60
30
3
0.2
25
12
1.5
kHz
kHz
kHz
kHz
SR
Slew Rate
VOUT = ±10V
0.012
0.026
0.028
0.066
V/μs
Settling Time to 0.01%
10V Step
460
270
μs
RREFIN
Reference Input Resistance
220
220
IREFIN
Reference Input Current
VREF = 0V
2.7
2.7
μA
AVREF
Reference Gain to Output
1 ±0.0001
1 ±0.0001
ELECTRICAL CHARACTERISTICS
VS = ±15V, RL = 20k, VCM = VOUT = 0V, TA = 25°C, unless otherwise noted.
The
l denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C. VS = ±15V, RL = 20k, VCM = VREF = 0V,
unless otherwise noted. (Note 4)
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Gain Error
VO = ±10V
G = 1
G = 10 (Note 2)
G = 100 (Note 2)
G = 1000 (Note 2)
l
l
l
l
0.15
0.38
0.38
0.43
0.20
0.43
0.48
%
%
%
%
Gain Nonlinearity
VO = ±10V
G = 1
G = 10
G = 100
G = 1000
l
l
l
l
25
15
25
120
45
45
180
ppm
ppm
ppm
ppm
G/T
Gain vs Temperature
G < 1000 (Notes 2, 3)
l
5
50
5
50
ppm/°C
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000
l
285
325
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 3, 5)
l
8
30
8
30
µV
VOSO
Output Offset Voltage
G = 1
l
1.2
4
mV
VOSOH
Output Offset Voltage Hysteresis
(Notes 3, 5)
l
50
120
400
1000
µV
VOSI/T
Input Offset Voltage Drift (RTI)
(Note 3)
l
0.2
0.7
0.3
0.8
µV/°C
VOSO/T
Output Offset Voltage Drift
(Note 3)
l
1.5
5
8
22
µV/°C
IOS
Input Offset Current
l
4.5
4.5
nA
IOS/T
Input Offset Current Drift
l
2
2
pA/°C
IB
Input Bias Current
l
45
45
nA
IB/T
Input Bias Current Drift
l
35
35
pA/°C
VCM
Input Voltage Range
G = 1, Other Input Grounded
l
–14.8
14
–14.8
14
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance,
VCM = –14.8V to 14V
G = 1
G = 10
G = 100, 1000
l
l
l
78
96
100
91
100
dB
dB
dB


Similar Part No. - LT1789IS8-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789IS8-10 LINER-LT1789IS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789IS8-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com