Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1789-1
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1789-1 Datasheet HTML 6Page - Linear Technology LT1789-1 Datasheet HTML 7Page - Linear Technology LT1789-1 Datasheet HTML 8Page - Linear Technology LT1789-1 Datasheet HTML 9Page - Linear Technology LT1789-1 Datasheet HTML 10Page - Linear Technology LT1789-1 Datasheet HTML 11Page - Linear Technology LT1789-1 Datasheet HTML 12Page - Linear Technology LT1789-1 Datasheet HTML 13Page - Linear Technology LT1789-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1789-1/LT1789-10
10
1789fc
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing
vs Load Current
Gain vs Frequency
Slew Rate vs Temperature
Common Mode Rejection Ratio
vs Frequency
Negative Power Supply Rejection
Ratio vs Frequency
Positive Power Supply Rejection
Ratio vs Frequency
Output Impedance vs Frequency
Overshoot vs Capacitive Load
Settling Time to 0.01% vs
Output Step
OUTPUT CURRENT (mA)
4.8
5.0
4.6
4.0
4.4
4.2
0.8
1.0
1.6
1.4
1.2
0.6
0
0.4
0.2
0.001
0.1
1
10
1789 G04
0.01
–55°C
–55°C
25°C
25°C
125°C
125°C
SOURCE
SINK
VS = 5V, 0V
VREF = 2.5V
FREQUENCY (Hz)
100
1k
10k
100k
1789 G05
G = 1000
G = 100
G = 10
80
70
60
50
40
30
20
10
–10
–20
0
G = 1
VS = 5V, 0V
VREF = 2.5V
TEMPERATURE (°C)
–50
0.045
25
1789 G06
0.030
0.020
–25
0
50
0.015
0.010
0.050
0.040
0.035
0.025
75
100
125
VS = 5V, 0V
VREF = 2.5V
G = 1
RL = 20k
RISING
FALLING
FREQUENCY (Hz)
100
10
40
60
80
100
120
50
70
90
110
1k
20k
10k
1879 G07
VS = 5V, 0V
VREF = 2.5V
G = 100, 1000
G = 10
G = 1
FREQUENCY (Hz)
10
140
120
100
80
60
40
20
0
100
1k
20k
10k
1789 G08
VS = 5V, 0V
VREF = 2.5V
INPUT REFERRED
G = 1000
G = 100
G = 10
G = 1
FREQUENCY (Hz)
10
140
120
100
80
60
40
20
0
100
1k
20k
10k
1789 G09
VS = 5V, 0V
VREF = 2.5V
INPUT REFERRED
G = 100, 1000
G = 10
G = 1
FREQUENCY (Hz)
10
100
1k
10k
1k
10k
100k
1789 G10
1
100
VS = 5V, 0V
VREF = 2.5V
CAPACITIVE LOAD (pF)
1
40
50
60
70
80
10
100
1000
1789 G11
30
20
10
0
90
100
VS = 5V, 0V
VREF = 2.5V
VOUT = 100mVP-P
AV = 1
AV = 10
AV ≥ 100
SETTLING TIME (μs)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
400
1789 G12
100
200
300
500
VS = ±15V
RL = 20k
G = 1
(LT1789-1)


Similar Part No. - LT1789-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com