Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1420P02CT Datasheet(PDF) 3 Page - TDK Electronics

Part # PS1420P02CT
Description  Piezoelectronic Buzzers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PS1420P02CT Datasheet(HTML) 3 Page - TDK Electronics

  PS1420P02CT Datasheet HTML 1Page - TDK Electronics PS1420P02CT Datasheet HTML 2Page - TDK Electronics PS1420P02CT Datasheet HTML 3Page - TDK Electronics PS1420P02CT Datasheet HTML 4Page - TDK Electronics PS1420P02CT Datasheet HTML 5Page - TDK Electronics PS1420P02CT Datasheet HTML 6Page - TDK Electronics PS1420P02CT Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(2/6)
006-02 / 20080717 / ef532_ps.fm
• All specifications are subject to change without notice.
PIN TERMINAL TYPE
PS12 TYPE
PS1240P02BT
FEATURES
• Miniature size(ø12.2
× T6.5mm).
• High cost performance.
• Suitable for automatic radial taping machine(12.7mm-pitch).
SHAPES AND DIMENSIONS
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
PS1240P02CT3
FEATURES
• Thin type(ø12.2
× T3.5mm).
• Suitable for automatic radial taping machine(12.7mm-pitch).
SHAPES AND DIMENSIONS
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
ø12.2
±0.3
0.65+0,– 0.1
12.7
±1
5
±0.5
12.7
±0.3
ø4
±0.2
Dimensions in mm
Sound pressure
70dBA/
10cm min.
[at 4kHz, 3V0-P rectangular
wave, measuring temperature:
25±5°C, humidity: 60±10%]
Temperature
range
Operating –20 to +70°C
Storage
–30 to +80°C
Maximum input voltage 30V0-P max.
[without DC bias]
Minimum delivery unit
2500 pieces
[500 pieces/1 reel
× 5 reels]
1000
2000
5000
10000
90
80
70
60
Frequency(Hz)
at 3Vrms sine wave
1000
2000
5000
10000
80
70
60
50
Frequency(Hz)
at 3V0-P square wave
ø12.2
±0.5
0.65+0,– 0.1
12.7
±1
5
±0.5
12.7
±0.3
ø4
±0.2
Dimensions in mm
Sound pressure
60dBA/
10cm min.
[at 4kHz, 3V0-P rectangular
wave, measuring temperature:
25±5°C, humidity: 60±10%]
Temperature
range
Operating –20 to +70°C
Storage
–30 to +80°C
Maximum input voltage 30V0-P max.
[without DC bias]
Minimum delivery unit
2500 pieces
[500 pieces/1 reel
× 5 reels]
1000
2000
5000
10000
90
80
70
60
Frequency(Hz)
at 3Vrms sine wave
1000
2000
5000
10000
80
70
60
50
Frequency(Hz)
at 3V0-P square wave


Similar Part No. - PS1420P02CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PS1420P02CT TDK-PS1420P02CT Datasheet
163Kb / 8P
   Pin terminal/Lead Without oscillator circuit
More results

Similar Description - PS1420P02CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
   Piezoelectronic Buzzers
PB2130UP002A TDK-PB2130UP002A Datasheet
64Kb / 2P
   Piezoelectronic Products
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
TDK Electronics
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com