Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460EIN8-2.5-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1460EIN8-2.5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460EIN8-2.5-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT1460EIN8-2.5-PBF Datasheet HTML 1Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 2Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 3Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 4Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 5Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 6Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 7Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 8Page - Linear Technology LT1460EIN8-2.5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT1460

1460fc
Description
Features
applications
typical application
OUTPUT VOLTAGE ERROR (%)
–0.10
–0.06
–0.02 0
1460 TA02
0.06
0.02
20
18
16
14
12
10
8
6
4
2
0
0.10
1400 PARTS
FROM 2 RUNS
Micropower Precision
Series Reference Family
The LT®1460 is a micropower bandgap reference that
combines very high accuracy and low drift with low power
dissipation and small package size. This series reference
uses curvature compensation to obtain low temperature
coefficient and trimmed precision thin-film resistors to
achieve high output accuracy. The reference will supply
up to 20mA with excellent line regulation characteristics,
making it ideal for precision regulator applications.
This series reference provides supply current and power
dissipationadvantagesovershuntreferencesthatmustidle
the entire load current to operate. Additionally, the LT1460
does not require an output compensation capacitor, yet
is stable with capacitive loads. This feature is important
where PC board space is a premium or fast settling is
demanded. In the event of a reverse battery connection,
thesereferenceswillnotconductcurrent,andaretherefore
protected from damage.
The LT1460 is available in the 8-lead MSOP, SO, PDIP and
the 3-lead TO-92 and SOT23 packages.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
n
Handheld Instruments
n
Precision Regulators
n
A/D and D/A Converters
n
Power Supplies
n
Hard Disk Drives
n
Trimmed to High Accuracy: 0.075% Max
n
Low Drift: 10ppm/°C Max
n
Industrial Temperature Range
n
Temperature Coefficient Guaranteed to 125°C
n
Low Supply Current: 130µA Max (LT1460-2.5)
n
Minimum Output Current: 20mA
n
No Output Capacitor Required
n
Reverse Battery Protection
n
Minimum Input/Output Differential: 0.9V
n
Available in S0-8, MSOP-8, PDIP-8, TO-92 and
SOT- 23 Package
Basic Connection
Typical Distribution of Output Voltage
S8 Package
LT1460-2.5
GND
IN
OUT
1460 TA01
C1
0.1µF
2.5V
3.4V
TO 20V


Similar Part No. - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460EIN8-2.5 LINER-LT1460EIN8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460EIN8-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com