Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175CQ-5-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1175CQ-5-TRPBF
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CQ-5-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1175CQ-5-TRPBF Datasheet HTML 6Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 7Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 8Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 9Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 10Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 11Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 12Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 13Page - Linear Technology LT1175CQ-5-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT1175
0
1175fe
applicaTions inForMaTion
LT1175
A1
3.8V
R1
ESR
OUTPUT
1175 F03
COUT
OUTPUT
GND
SENSE
R2
RC
0.5
RLIM
RN
CF
20pF
+
PARASITIC
COLLECTOR
RESISTANCE
POWER
TRANSISTOR
NEGATIVE DC
FEEDBACK
AT LIGHT
LOADS
AC
FEEDFORWARD
PATH
CURRENT LIMIT
SENSE RESISTOR
Q2
Q1
VIN
LOAD
Q3
This condition can occur with ceramic or film capacitors
which often have an ESR under 0.1Ω. With previous de-
signs, the user was forced to add a real resistor in series
with the capacitor to guarantee loop stability. The LT1175
uses a unique AC feedforward technique to eliminate
this problem. CF is a conventional feedforward capacitor
often used in regulators to cancel the pole formed by the
output capacitor. It would normally be connected from the
regulated output node to the feedback node at the R1/R2
junction or to an internal node on the amplifier as shown.
In this case, however, the capacitor is connected to the
internalstructureofthepowertransistor.RCistheunavoid-
able parasitic collector resistance of the power transistor.
Access to the node at the bottom of RC is available only
in monolithic structures where Kelvin connections can
be made to the NPN buried collector layer. The loop now
responds as if RC were in series with the output capacitor
and good loop stability is achieved even with extremely
low ESR in the output capacitor.
The end result of all this attention to loop stability is that
the output capacitor used with the LT1175 can range in
value from 0.1µF to hundreds of microfarads, with an ESR
from 0Ω to 10Ω. This range allows the use of ceramic,
solid tantalum, aluminum and film capacitors over a wide
range of values.
The optimum output capacitor type for the LT1175 is
still solid tantalum, but there is considerable leeway in
selecting the exact unit. If large load current transients
are expected, larger capacitors with lower ESR may be
needed to control worst-case output variation during
transients. If transients are not an issue, the capacitor
can be chosen for small physical size, low price, etc.
Concerns about surge currents in tantalum capacitors are
not an issue for the output capacitor because the LT1175
limits inrush current to well below the level which can
cause capacitor damage. Surges caused by shorting the
regulator output are also not a problem because tantalum
Figure 3


Similar Part No. - LT1175CQ-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CQ-5 LINER-LT1175CQ-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CQ-5 LINER-LT1175CQ-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CQ-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com