Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TNY264 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part No. TNY264
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

TNY264 Datasheet(HTML) 5 Page - Power Integrations, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
B
7/01
TNY264/266-268
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2749-050301
the SOURCE pin. The optocoupler LED is connected in series
with a Zener diode across the DC output voltage to be regulated.
When the output voltage exceeds the target regulation voltage
level (optocoupler LED voltage drop plus Zener voltage), the
optocoupler LED will start to conduct, pulling the EN/UV pin
low. The Zener diode can be replaced by a TL431 reference
circuit for improved accuracy.
ON/OFF Operation with Current Limit State Machine
The internal clock of the TinySwitch-II runs all the time. At the
beginning of each clock cycle, it samples the EN/UV pin to
decide whether or not to implement a switch cycle, and based
on the sequence of samples over multiple cycles, it determines
the appropriate current limit. At high loads, when the EN/UV
pin is high (less than 240
µA out of the pin), a switching cycle
with the full current limit occurs. At lighter loads, when EN/UV
is high, a switching cycle with a reduced current limit occurs.
At near maximum load, TinySwitch-II will conduct during
nearly all of its clock cycles (Figure 6). At slightly lower load,
it will “skip” additional cycles in order to maintain voltage
regulation at the power supply output (Figure 7). At medium
loads, cycles will be skipped and the current limit will be
reduced (Figure8). At very light loads, the current limit will be
reduced even further (Figure 9). Only a small percentage of
cycles will occur to satisfy the power consumption of the power
supply.
The response time of the TinySwitch-II ON/OFF control scheme
is very fast compared to normal PWM control. This provides
tight regulation and excellent transient response.
Power Up/Down
The TinySwitch-II requires only a 0.1
µF capacitor on the
BYPASS pin. Because of its small size, the time to charge this
capacitor is kept to an absolute minimum, typically 0.6 ms. Due
to the fast nature of the ON/OFF feedback, there is no overshoot
at the power supply output. When an external resistor (2 M
Ω) is
connected from the positive DC input to the EN/UV pin, the power
MOSFET switching will be delayed during power-up
until the DC line voltage exceeds the threshold (100 V). Figures
10 and 11 show the power-up timing waveform of TinySwitch-II
Figure 6. TinySwitch-II Operation at Near Maximum Loading.
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2667-090700
Figure 8. TinySwitch-II Operation at Medium Loading.
PI-2377-091100
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
Figure 7. TinySwitch-II Operation at Moderately Heavy Loading.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn