Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175CT-5-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1175CT-5-PBF
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CT-5-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1175CT-5-PBF Datasheet HTML 2Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 3Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 4Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 5Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 6Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 7Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 8Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 9Page - Linear Technology LT1175CT-5-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1175

1175fe
Typical perForMance characTerisTics
GND Pin Current
Ripple Rejection
Shutdown Input Current
Shutdown Thresholds
SHDN Pin Characteristics
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
20
1175 G07
5
10
15
25
TJ = 125°C
TJ = –55°C
TJ = 25°C
TEMPERATURE (°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
25
75
1175 G08
–25
100 125
POSITIVE THRESHOLD
NEGATIVE THRESHOLD
DEVICE IS OFF
BELOW THRESHOLD
SHUTDOWN TO GROUND VOLTAGE (V)
–25 –20
–10
0
15
10
5
0
–5
–10
15
1175 G09
–15
–5
10
20
5
25
VIN = 25V
CHARACTERISTICS DO NOT
CHANGE SIGNIFICANTLY WITH
TEMPERATURE, SO A SINGLE
CURVE IS SHOWN. POSITIVE
CURRENT FLOWS INTO
SHDN PIN
IF SHDN PIN IS NEGATIVE WITH
RESPECT TO INPUT VOLTAGE AND
INPUT VOLTAGE IS LESS THAN 15V,
NEGATIVE BREAKOVER POINT WILL
BE ABOUT 8V BELOW –VIN
OUTPUT CURRENT (A)
0
20
16
12
8
4
0
0.2
0.4
0.3
0.5
1175 G10
0.1
0.6
0.7
POWER
TRANSISTOR
IN DROPOUT
TJ = –55°C
TJ = 25°C
VIN – VOUT ≥ 3V
TJ = 25°C
VIN – VOUT = 2V
TJ = 25°C
FREQUENCY (Hz)
100
80
60
40
20
0
10
1k
10k
1M
100
100k
VOUT = 12V
(ADJUSTABLE)
IOUT = 100mA
VIN – VOUT = 2V
COUT = 1µF TANT
1175 G11
RIPPLE REJECTION IS RELATIVELY INDEPENDENT OF
INPUT VOLTAGE AND LOAD FOR CURRENTS BETWEEN
25mA AND 500mA. LARGER OUTPUT CAPACITORS DO
NOT IMPROVE REJECTION FOR FREQUENCIES BELOW
50kHz. AT VERY LIGHT LOADS, REJECTION WILL
IMPROVE WITH LARGER OUTPUT CAPACITORS
VOUT = 12V
(ADJUSTABLE)
WITH 0.1µF ACROSS
DIVIDER RESISTOR
VOUT = 5V
(FIXED)


Similar Part No. - LT1175CT-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CT-5 LINER-LT1175CT-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5 LINER-LT1175CT-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CT-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com