Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TNY256 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part No. TNY256
Description  TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

TNY256 Datasheet(HTML) 2 Page - Power Integrations, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
C
7/01
TNY256
2
Figure 2. Functional Block Diagram.
Figure 3. Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating
current for both start-up and steady-state operation.
BYPASS (BP) Pin:
Connection point for a 0.1
µF external bypass capacitor for the
internally generated 5.8 V supply.
ENABLE/UNDER-VOLTAGE (EN/UV) Pin:
This pin has dual functions, enable input and line under-voltage
sense.
During normal operation, switching of the power
MOSFET is controlled by this pin. MOSFET switching is
terminated when a current greater than 50
µA is drawn out of
this pin. This pin also senses line under-voltage conditions
through an external resistor connected to the DC line voltage.
If there is no external resistor connected to this pin, TNY256
detects this and disables the line under-voltage function.
SOURCE (S) Pin:
Power MOSFET source connection. Primary return.
PI-2367-122398
CLOCK
OSCILLATOR
5.8 V
5.1 V
SOURCE
(S)
S
R
Q
DCMAX
BYPASS
(BP)
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
REGULATOR
5.8 V
BYPASS PIN
UNDER-VOLTAGE
1.5 V + VTH
ENABLE/
UNDER-VOLTAGE
(EN/UV)
Q
50
µA
LINE UNDER-VOLTAGE
RESET
AUTO-
RESTART
COUNTER
JITTER
1.5 V
CLOCK
PI-2500-031501
Tab Internally
Connected to SOURCE Pin
Y Package (TO-220-7B)
EN/UV
D
S
S
8
5
7
6
1
4
2
3
S
S
S
1 EN/UV
3 BP
5 NC
4 S
7 D
BP
P Package (DIP-8)
G Package (SMD-8)
NO CONNECT (N) Pin
No connection.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn