Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TNY256 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part No. TNY256
Description  TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY256 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY256 Datasheet HTML 1Page - Power Integrations, Inc. TNY256 Datasheet HTML 2Page - Power Integrations, Inc. TNY256 Datasheet HTML 3Page - Power Integrations, Inc. TNY256 Datasheet HTML 4Page - Power Integrations, Inc. TNY256 Datasheet HTML 5Page - Power Integrations, Inc. TNY256 Datasheet HTML 6Page - Power Integrations, Inc. TNY256 Datasheet HTML 7Page - Power Integrations, Inc. TNY256 Datasheet HTML 8Page - Power Integrations, Inc. TNY256 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
C
7/01
TNY256
4
short, or an open loop condition, TNY256 enters into auto-
restart operation. An internal counter clocked by the oscillator
gets reset every time the EN/UV pin is pulled low. If the EN/
UV pin is not pulled low for 32 ms, the power MOSFET
switching is disabled for 128 ms (except in the case of line
under-voltage condition). The auto-restart alternately enables
and disables the switching of the power MOSFET until the fault
condition is removed. Figure 5 illustrates auto-restart circuit
operation in the presence of a temporary output short.
In the event of line under-voltage condition, the switching of the
power MOSFET is disabled beyond its normal 128 ms time
until the line under-voltage condition goes away.
Line Under-Voltage (UVLO) Sense Circuit
The DC line voltage can be monitored by connecting an
external resistor from the DC line to the EN/UV pin. During
power-up or when the switching of the power MOSFET is
disabled in auto-restart, the current into the EN/UV pin must
exceed 50
µA to initiate switching of the power MOSFET.
During power-up, this is implemented by holding the BYPASS
pin to 5.1 V while the line under-voltage condition exists. The
BYPASS pin then rises from 5.1 V to 5.8V when the line under-
voltage condition goes away. When the switching of the power
MOSFET is disabled in auto-restart mode and the line under-
voltage condition exists, the counter is stopped. This stretches
the disable time beyond its normal 128ms until the line under-
voltage condition goes away.
The line under-voltage circuit also detects when there is no
external resistor connected to the EN/UV pin. In this case the
line under-voltage function is disabled.
TinySwitch Operation
TinySwitch devices operate in the current limit mode. When
enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit. The maximum on-time of
the MOSFET is limited to DC
MAX by the oscillator. Since the
current limit and frequency of the TNY256 is constant, the
power delivered is proportional to the primary inductance of the
transformer and is relatively independent of the input voltage.
Therefore, the design of the power supply involves calculating
the primary inductance of the transformer for the maximum
power required. If the TNY256 is appropriately chosen for the
PI-2377-120998
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
Figure 5. TNY256 Auto-Restart Operation.
Figure 6. TNY256 Operation at Heavy Load.
Figure 7. TNY256 Operation at Light Load.
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2373-120998
0
250
500
Time (ms)
0
10
0
20
100
200
300
DRAIN
VOLTAGE
OUTPUT
VOLTAGE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn