Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY253 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY253
Description  TinySwitch Family Energy Efficient, Low Power Off-line Switchers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY253 Datasheet HTML 7Page - Power Integrations, Inc. TNY253 Datasheet HTML 8Page - Power Integrations, Inc. TNY253 Datasheet HTML 9Page - Power Integrations, Inc. TNY253 Datasheet HTML 10Page - Power Integrations, Inc. TNY253 Datasheet HTML 11Page - Power Integrations, Inc. TNY253 Datasheet HTML 12Page - Power Integrations, Inc. TNY253 Datasheet HTML 13Page - Power Integrations, Inc. TNY253 Datasheet HTML 14Page - Power Integrations, Inc. TNY253 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
C
7/01
TNY253/254/255
11
Conditions
Parameter
Symbol
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 14
(Unless Otherwise Specified)
di/dt = 12.5 mA/
µs
T
J = 25 °C
di/dt = 25 mA/
µs
T
J = 25 °C
di/dt = 80 mA/
µs
T
J = 25 °C
135
150
165
230
255
280
255
280
310
170
240
170
215
200
250
100
150
125
135
145
70
31
36
50
60
23
27
37
45
50
700
50
50
I
LIMIT
Note F
I
INIT
t
LEB
t
ILD
R
DS(ON)
I
DSS
BV
DSS
t
R
t
F
mA
mA
ns
ns
°C
°C
µA
V
ns
ns
Current Limit
Initial Current
Limit
Leading Edge
Blanking Time
Current Limit
Delay
Thermal Shutdown
Temperature
Thermal Shutdown
Hysteresis
ON-State
Resistance
OFF-State
Leakage
Breakdown
Voltage
Rise Time
Fall Time
Min
Typ
Max
Units
CIRCUIT PROTECTION
OUTPUT
V
BP = 6.2 V, VEN = 0 V,
V
DS = 560 V, TJ = 125 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
TNY253/TNY254
I
D = 25 mA
Measured with Figure 10
Schematic.
TNY253
TNY254
TNY255
V
BP = 6.2 V, VEN = 0 V,
I
DS = 100 µA, TJ = 25 °C
TNY253
TNY254
TNY255
TNY253
TNY254
TNY255
T
J = 25 °C
See Note G
TNY255
I
D = 33 mA
See Figure 17
T
J = 25 °C
T
J = 25 °C
0.65 x
I
LIMIT(MIN)


Similar Part No. - TNY253

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
logo
Pulse A Technitrol Comp...
TNY253 PULSE-TNY253 Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com