Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC691INPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC691INPBF
Description  Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691INPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC691INPBF Datasheet HTML 4Page - Linear Technology LTC691INPBF Datasheet HTML 5Page - Linear Technology LTC691INPBF Datasheet HTML 6Page - Linear Technology LTC691INPBF Datasheet HTML 7Page - Linear Technology LTC691INPBF Datasheet HTML 8Page - Linear Technology LTC691INPBF Datasheet HTML 9Page - Linear Technology LTC691INPBF Datasheet HTML 10Page - Linear Technology LTC691INPBF Datasheet HTML 11Page - Linear Technology LTC691INPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
8
690fe
TYPICAL PERFORMANCE CHARACTERISTICS
Reset Active Time
vs Temperature LTC690-1
Reset Active Time
vs Temperature LTC694-5
Reset Voltage Threshold
vs Temperature
Power-Fail Comparator
Response Time
Power-Fail Comparator
Response Time
Power-Fail Comparator Response
Time with Pull-Up Resistor
VOUT vs IOUT
VOUT vs IOUT
Power Failure Input Threshold
vs Temperature
LOAD CURRENT (mA)
0
4.90
4.95
5.00
40
690 G01
4.85
4.80
4.75
10
20
30
50
SLOPE = 5Ω
VCC = 5V
VBATT = 2.8V
TA = 25°C
LOAD CURRENT (μA)
0
2.76
2.78
400
690 G02
2.74
2.72
100
200
300
500
2.80
VCC = 0V
VBATT = 2.8V
TA = 25°C
SLOPE = 125Ω
TEMPERATURE (°C)
–50
1.304
1.306
1.308
25
75
690 G03
1.302
1.300
–25
0
50
100
125
1.298
1.296
1.294
VCC = 5V
TEMPERATURE (°C)
–50
54
56
58
25
75
690 G04
52
50
–25
0
50
100
125
48
46
VCC = 5V
TEMPERATURE (°C)
–50
216
224
232
25
75
690 G05
208
200
–25
0
50
100
125
192
184
VCC = 5V
TEMPERATURE (°C)
–50
4.64
4.65
4.66
25
75
690 G06
4.63
4.62
–25
0
50
100
125
4.61
4.60
TIME (μs)
0
4
5
6
4
690 G07
3
2
0
12
3
5
1
1.305V
1.285V
8
7
6
VCC = 5V
TA = 25°C
+
VPFI
1.3V
PFO
30pF
VPFI = 20mV STEP
TIME (μs)
0
4
5
6
40
690 G08
3
2
0
20
60
1
1.315V
1.295V
120
100
80
VPFI = 20mV STEP
180
160
140
VCC = 5V
TA = 25°C
+
VPFI
1.3V
PFO
30pF
TIME (μs)
0
4
5
6
4
690 G09
3
2
0
2
6
1
1.315V
1.295V
12
10
8
VPFI = 20mV STEP
18
16
14
VCC = 5V
TA = 25˚C
+
VPFI
1.3V
PFO
30pF
10k
5V


Similar Part No. - LTC691INPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC691IN LINER-LTC691IN Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC691INPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com