Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-796692 Datasheet(PDF) 1 Page - Tyco Electronics

Part # C-796692
Description  TERMINAL BLOCK PCB MOUNT, 1ST AND 2ND LEVELSTACKING W/INTERLOCK, 5.08mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

C-796692 Datasheet(HTML) 1 Page - Tyco Electronics

  C-796692 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C-796692

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796690 MACOM-C-796690 Datasheet
230Kb / 2P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRYK, STACKING W/INTERLOCK, 5mm PITCH
C-796695 MACOM-C-796695 Datasheet
59Kb / 1P
   TERMI BLOK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
   TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-796698 MACOM-C-796698 Datasheet
91Kb / 1P
   TERMINAL BLOK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
More results

Similar Description - C-796692

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282888 MACOM-C-282888 Datasheet
144Kb / 3P
   TERMINAL BLOCK, PCB MOUNT 1ST AND 2ND LEVEL, STACKING W/INTERLOCK, 5.00mm PITCH
796949-2 MACOM-796949-2 Datasheet
88Kb / 2P
   TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
C-282841 MACOM-C-282841 Datasheet
248Kb / 2P
   TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
C-282847 MACOM-C-282847 Datasheet
198Kb / 2P
   TERMINAL BLOCK, PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-1546074 MACOM-C-1546074 Datasheet
97Kb / 2P
   TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282851 MACOM-C-282851 Datasheet
70Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282868-4 MACOM-C-282868-4 Datasheet
96Kb / 1P
   TERMI-BLOCK PCB MOUNT 1ST AND 2ND LEVEL, 5mm PITCH, CUSTOMIZED VERSION, 2X19 POS
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
   TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-282868-5 MACOM-C-282868-5 Datasheet
85Kb / 1P
   TERMI-BLOCK PCB MOUNT 1ST AND 2ND LEVEL, 5mm PITCH, CUSTOMIZED VERSION, 2X14 POS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com