Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD9 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # RD9
Description  User Configurable Input and Output Voltages Flyback Prototyping Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RD9 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  RD9 Datasheet HTML 1Page - Power Integrations, Inc. RD9 Datasheet HTML 2Page - Power Integrations, Inc. RD9 Datasheet HTML 3Page - Power Integrations, Inc. RD9 Datasheet HTML 4Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
9/98
RD9
3
Break the RD9 board along the perforations to separate the
primary and secondary halves. The secondary half of the
board contains the prototyping area (Figure 6).
• Prepare the RD8 board by removing T1, C5, and U2. Set
these aside for reuse. Break the board along the perforations
to separate the primary and secondary circuitry. The board
should then look as shown in Figure 7.
• Fit the primary half of RD8 and the secondary half of RD9
together, using T1, C5, and U2 removed from the RD8
board to bridge between the two board halves (Figure 8). A
different transformer can be substituted for T1. Use the
cores and bobbins suggested in the text for best mechanical
fit.
Figure 6. Prepared RD9 Board.
Figure 7. Prepared RD8 Board.
Figure 8. Combined RD8 and RD9.


Similar Part No. - RD9

ManufacturerPart #DatasheetDescription
logo
NEC
RD9.1E NEC-RD9.1E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD9.1E EIC-RD9.1E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD9.1E NJSEMI-RD9.1E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD9.1EAB NEC-RD9.1EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD9.1EAB1 NEC-RD9.1EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
   Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
   Single-Channel, Software Configurable Input and Output
Rev. 0
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
logo
Eaton All Rights Reserv...
POE4W3X3.3-R EATON-POE4W3X3.3-R Datasheet
590Kb / 4P
   Configurable flyback transformer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
   User- and Field-Configurable Power Supplies
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
   Configurable size of the input and output bus
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com